전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1030F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TPD1030F
상세설명  2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1030F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TPD1030F_13 Datasheet HTML 1Page - Toshiba Semiconductor TPD1030F_13 Datasheet HTML 2Page - Toshiba Semiconductor TPD1030F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD1030F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD1030F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD1030F_13 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPD1030F
2013-11-01
1
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1030F
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
The TPD1030F is a 2-IN-1 low-side switch.
The IC has a vertical MOSFET output which can be directly
driven from a CMOS or TTL logic circuit (e.g., an MPU). The IC
is equipped with intelligent self-protection functions.
Features
• Two built-in power IC chips with a new structure combining a
control block and a vertical power MOSFET (L2-
π-MOS) on
each chip.
• Can directly drive a power load from a CMOS or TTL logic.
• Built-in protection circuits against overvoltage (active clamp),
overtemperature (thermal shutdown), and overcurrent (current limiter).
• Low Drain-Source ON-resistance: RDS (ON) = 0.6 Ω (max) (@VIN = 5 V, ID = 0.5 A, Tch = 25°C)
• Low Leakage Current: IDSS = 10 μA (max) (@VIN = 0 V, VDS = 30 V, Tch = 25°C)
• Low Input Current: IIN = 350 μA (max) (@VIN = 5 V, Tch = −40 to 110°C)
• 8-pin SOP package with embossed-tape packing.
Pin Assignment (top view)
Marking
Note: Due to its MOS structure, this product is sensitive to static electricity.
Weight: 0.08 g (typ.)
SOURCE1
IN1
SOURCE2
1
2
3
8
6
7
DRAIN1
DRAIN1
DRAIN2
IN2 4
5 DRAIN2
TP D1 0 3 0
F
Lot No.
Note
Part No. (or abbreviation code)
Note : A line under a Lot No. identifies the indication of product Labels
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is Directive 2011/65/EU of the European Parliament and
of the Council of 8 June 2011 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment.
Start of commercial production
1999-10


유사한 부품 번호 - TPD1030F_13

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
More results

유사한 설명 - TPD1030F_13

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F_13 Datasheet
289Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1058FA TOSHIBA-TPD1058FA Datasheet
739Kb / 15P
   Low-Side Switch for Solenoid, Motor and Lamp Drive
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com