전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17308Q3 데이터시트(PDF) 4 Page - Texas Instruments

부품명 CSD17308Q3
상세설명  30-V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17308Q3 데이터시트(HTML) 4 Page - Texas Instruments

  CSD17308Q3_15 Datasheet HTML 1Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 2Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 3Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 4Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 5Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 6Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 7Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 8Page - Texas Instruments CSD17308Q3_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GATE
Source
DRAIN
M0161-01
GATE
Source
DRAIN
M0161-02
CSD17308Q3
SLPS262B – FEBRUARY 2010 – REVISED OCTOBER 2015
www.ti.com
Max RθJA = 58°C/W
Max RθJA = 165°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2 oz. (0.071 mm thick)
2 oz. (0.071 mm thick)
Cu.
Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: CSD17308Q3


유사한 부품 번호 - CSD17308Q3_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17308Q3 TI1-CSD17308Q3 Datasheet
523Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
More results

유사한 설명 - CSD17308Q3_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com