전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4016M48VBB-5 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers

부품명 AD4016M48VBB-5
상세설명  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

AD4016M48VBB-5 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AD4016M48VBB-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers AD4016M48VBB-5 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Rev.1
Page 13
EDO Page Mode Cycle
EDO Page Mode Read Modify Write Cycle
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
EDO page mode cycle time
tPC
20
-
25
-
ns
EDO page mode CAS precharge time
tCP
10
-
10
-
ns
EDO page mode RAS pulse width
tRASP
50
105
60
105
ns
20
Access time from CAS precharge
tCPA
-
30
-
35
ns
10, 14
RAS hold time from CAS precharge
tCPRH
30
-
35
-
ns
OE high hold time from CAS high
tOEHC
5
-
5
-
ns
OE high pulse width
tOEP
10
-
10
-
ns
Data output hold time after CAS low
tCOH
5
-
5
-
ns
Output disable delay from WE
tWHZ
3
10
3
10
ns
WE pulse width for output disable when
CAS high
tWPZ
7
-
7
-
ns
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
EDO page mode read- modify- write cycle
CAS precharge to WE delay time
tCPW
45
-
55
-
ns
10
EDO page mode read- modify- write cycle
time
tPRWC
56
-
68
-
ns


유사한 부품 번호 - AD4016M48VBB-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4011 AD-AD4011 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4011BCPZ-RL7 AD-AD4011BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

유사한 설명 - AD4016M48VBB-5

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com