전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AD4016M81RBB-5 데이터시트(Datasheet) 27 Page - List of Unclassifed Manufacturers

부품명 AD4016M81RBB-5
상세내용  Low voltage operation is more suitable to be used on battery backup, portable electronic
PDF  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 
 27 page
background image
Rev.1
Page 27
Ordering information
AD404M42VSA-5
• AD
• Ascend Memory Product
40
• Device Type
• 4M4
• Density and Organization
• 2
• Refresh Rate, 2: 2K Refresh
• V
• T: 5V, V: 3.3V
• S
• Package Type (S : SOJ, T : TSOP II)
• A
• Version
• 5
• Speed (5: 50 ns, 6: 60 ns)
Part Number
Access time
Package
AD404M42VSA-5
AD404M42VSA-6
AD404M42VTA-5
AD404M42VTA-6
50 ns
60 ns
50 ns
60 ns
300mil 26/24-Pin
Plastic SOJ
TSOP II
Packaging information
300 mil, 26/24-Pin Plastic SOJ
SEATING PLANE
4-e
e
b
b2
0.007"M
C
L
0.025" MIN.
0.004"
SECTION B-B
E2
A
RAD R1
A1
B
B
D
26
21
E
E1
19
14
BASE METAL
WITH PLATING
c1 c
b1
b
0.267 BASIC
0.335 BASIC
0.050 BASIC
R1
e
E1
E2
6.78 BASIC
1.27 BASIC
0.76
---
7.49
7.62
1.02
0.030
7.75
0.295
17.02
b
D
E
c1
b2
c
b1
A1
A
DIM
0.51
0.41
0.016
8.51 BASIC
0.18
17.15
---
0.66
0.18
0.41
---
---
0.46
17.27
0.28
0.670
0.007
0.81
0.30
0.48
0.007
0.026
0.016
MILLIMETERS
MIN.
NOM.
2.08
3.25
---
---
3.51
MAX.
MIN.
---
3.76
0.082
0.128
0.305
0.040
---
0.300
0.020
0.032
0.019
0.012
0.680
0.011
0.675
---
0.018
---
---
MAX.
0.148
---
NOM.
---
0.138
---
INCHES
2. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION.
MOLD PROTRUSION SHALL NOT EXCEED 0.006"(0.15mm) PER SIDE.
INTERLEAD PROTRUSION SHALL NOT EXCEED 0.01"(0.25mm) PER SIDE.
1. CONTROLLING DIMENSION : INCHES
NOTE:
3. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION OR
TO LESS THAN 0.001"(0.025mm) BELOW b2 MIN.
DAMBAR INTRUSION SHALL NOT REDUCE THE SHOULDER WIDTH
SHOULDER WIDTH TO EXCEED b2 MAX BY MORE THAN 0.005"(0.127mm)
INTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE
1
6
8
13
A2
A2
2.54 REF.
0.100 REF.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
SD275SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C T Operation 1 2 3 Sensitron
BH76806FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SVC381AM Low Voltage Electronic Tuning Applications 1 2 3 Sanyo Semicon Device
SD125SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
V18ZA05Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 1 2 3 4 5 MoreHarris Corporation
BH76809FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SD175SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl