전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AD4016M81RBB-5 데이터시트(Datasheet) 11 Page - List of Unclassifed Manufacturers

부품명 AD4016M81RBB-5
상세내용  Low voltage operation is more suitable to be used on battery backup, portable electronic
PDF  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 11 page
background image
Rev.1
Page 11
Read Cycle
Write Cycle
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Access time from RAS
tRAC
-
50
-
60
ns
12
Access time from CAS
tCAC
-
14
-
15
ns
13, 14
Access time from column address
tAA
-
25
-
30
ns
14, 15
Access time from OE
tOEA
-
12
-
15
ns
Read command setup time
tRCS
0
-
0
-
ns
7
Read command hold time to CAS
tRCH
0
-
0
-
ns
10, 16
Read command hold time to RAS
tRRH
0
-
0
-
ns
16
Output buffer turn-off time
tOFF
0
12
0
15
ns
17
Output buffer turn-off time from OE
tOEZ
0
12
0
15
ns
17
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Write command setup time
tWCS
0
-
0
-
ns
7, 18
Write command hold time
tWCH
8
-
10
-
ns
Write command pulse width
tWP
8
-
10
-
ns
Write command to RAS lead time
tRWL
13
-
15
-
ns
Write command to CAS lead time
tCWL
8
-
10
-
ns
Data-in setup time
tDS
0
-
0
-
ns
19
Data-in hold time
tDH
8
-
10
-
ns
19
WE to Data-in delay
tWED
10
-
10
-
ns




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
SD275SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C T Operation 1 2 3 Sensitron
BH76806FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SVC381AM Low Voltage Electronic Tuning Applications 1 2 3 Sanyo Semicon Device
SD125SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
V18ZA05Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 1 2 3 4 5 MoreHarris Corporation
BH76809FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SD175SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl