전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AD4016M81RBB-5 데이터시트(Datasheet) 12 Page - List of Unclassifed Manufacturers

부품명 AD4016M81RBB-5
상세내용  Low voltage operation is more suitable to be used on battery backup, portable electronic
PDF  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 12 page
background image
Rev.1
Page 12
Read- Modify- Write Cycle
Refresh Cycle
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Read-modify- write cycle time
tRWC
108
-
133
-
ns
RAS to WE delay time
tRWD
64
-
77
-
ns
18
CAS to WE dealy time
tCWD
26
-
32
-
ns
18
Column address to WE delay time
tAWD
39
-
47
-
ns
18
OE hold time from WE
tOEH
8
-
10
-
ns
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
CAS setup time (CBR refresh)
tCSR
5
-
5
-
ns
CAS hold time (CBR refresh)
tCHR
8
-
10
-
ns
10
RAS precharge to CAS hold time
tRPC
5
-
5
-
ns
7
RAS pulse width (self refresh)
tRASS
100
-
100
-
RAS precharge time (self refresh)
tRPS
90
-
110
-
ns
CAS hold time (CBR self refresh)
tCHS
-50
-
-50
-
ns
WE setup time
tWSR
0
-
0
-
ns
WE hold time
tWHR
10
-
10
-
ns
µs




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
SD275SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
SD200SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C T Operation 1 2 3 Sensitron
BH76806FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SVC381AM Low Voltage Electronic Tuning Applications 1 2 3 Sanyo Semicon Device
SD125SA45ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
V18ZA05Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 1 2 3 4 5 MoreHarris Corporation
BH76809FVMLow voltage operation video driver with LPF 1 2 3 4 5 MoreRohm
SD175SA60ASILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 150 °C TJ Operation 1 2 3 Sensitron
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl