전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ60A 데이터시트(PDF) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 SMAJ60A
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMAJ60A 데이터시트(HTML) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMAJ60A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Marking Code
MDD
MDD
Logo
Logo
Packaging
Tape
Symbol
Dimension (mm)
W
12.00±0.20
P0
4.00±0.10
P1
4.00±0.10
P2
2.00±0.10
D0
Φ1.5±0.10
D1
Φ1.5±0.10
E
1.75±0.10
F
5.50±0.05
A0
2.79±0.10
B0
5.33±0.10
K0
2.55±0.15
T
0.25±0.05
7” Reel
D2
Φ178.0±2.0
D3
Φ50.0Min.
D4
Φ13.0±0.5
W1
16.0±2.0
Quantity: 2000PCS
13” Reel
D5
Φ330.0±2.0
D6
Φ13.5±0.5
H
2.5±1.0
W2
16.0±2.0
Quantity: 5000PCS


유사한 부품 번호 - SMAJ60A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ60A JGD-SMAJ60A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ60A SOCAY-SMAJ60A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ60A SOCAY-SMAJ60A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ60A LUGUANG-SMAJ60A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ60A DYELEC-SMAJ60A Datasheet
530Kb / 5P
   Excellent clamping capability
More results

유사한 설명 - SMAJ60A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com