전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ60A 데이터시트(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 SMAJ60A
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMAJ60A 데이터시트(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMAJ60A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TA=25℃
)
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional Bidirectional
UNI
BI
VRWM(V)
VBR(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMAJ5.0A
SMAJ5.0CA
AE
WE
5.0
6.40~7.00
10
9.2
43.5
800
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.0
6.67~7.37
10
10.3
38.8
800
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.22~7.98
10
11.2
35.7
500
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.0
7.78~8.60
10
12.0
33.3
200
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.33~9.21
1
12.9
31.0
100
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.0
8.89~9.83
1
13.6
29.4
50
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44~10.40
1
14.4
27.8
20
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.0
10.00~11.10
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
AX
WX
10.0
11.10~12.30
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
AZ
WZ
11.0
12.20~13.50
1
18.2
22.0
1
SMAJ12A
SMAJ12CA
BE
XE
12.0
13.30~14.70
1
19.9
20.1
1
SMAJ13A
SMAJ13CA
BG
XG
13.0
14.40~15.90
1
21.5
18.6
1
SMAJ14A
SMAJ14CA
BK
XK
14.0
15.60~17.20
1
23.2
17.2
1
SMAJ15A
SMAJ15CA
BM
XM
15.0
16.70~18.50
1
24.4
16.4
1
SMAJ16A
SMAJ16CA
BP
XP
16.0
17.80~19.70
1
26.0
15.4
1
SMAJ17A
SMAJ17CA
BR
XR
17.0
18.90~20.90
1
27.6
14.5
1
SMAJ18A
SMAJ18CA
BT
XT
18.0
20.00~22.10
1
29.2
13.7
1
SMAJ20A
SMAJ20CA
BV
XV
20.0
22.20~24.50
1
32.4
12.3
1
SMAJ22A
SMAJ22CA
BX
XX
22.0
24.40~26.90
1
35.5
11.3
1
SMAJ24A
SMAJ24CA
BZ
XZ
24.0
26.70~29.50
1
38.9
10.3
1
SMAJ26A
SMAJ26CA
CE
YE
26.0
28.90~31.90
1
42.1
9.5
1
SMAJ28A
SMAJ28CA
CG
YG
28.0
31.10~34.40
1
45.4
8.8
1
SMAJ30A
SMAJ30CA
CK
YK
30.0
33.30~36.80
1
48.4
8.3
1
SMAJ33A
SMAJ33CA
CM
YM
33.0
36.70~40.60
1
53.3
7.5
1
SMAJ36A
SMAJ36CA
CP
YP
36.0
40.00~44.20
1
58.1
6.9
1
SMAJ40A
SMAJ40CA
CR
YR
40.0
44.40~49.10
1
64.5
6.2
1
SMAJ43A
SMAJ43CA
CT
YT
43.0
47.80~52.80
1
69.4
5.8
1
SMAJ45A
SMAJ45CA
CV
YV
45.0
50.00~55.30
1
72.7
5.5
1
SMAJ48A
SMAJ48CA
CX
YX
48.0
53.30~58.90
1
77.4
5.2
1
SMAJ51A
SMAJ51CA
CZ
YZ
51.0
56.70~62.70
1
82.4
4.9
1
SMAJ54A
SMAJ54CA
RE
ZE
54.0
60.00~66.30
1
87.1
4.6
1
SMAJ58A
SMAJ58CA
RG
ZG
58.0
64.40~71.20
1
93.6
4.3
1
SMAJ60A
SMAJ60CA
RK
ZK
60.0
66.70~73.70
1
96.8
4.1
1
SMAJ64A
SMAJ64CA
RM
ZM
64.0
71.10~78.60
1
103.0
3.9
1
SMAJ70A
SMAJ70CA
RP
ZP
70.0
77.80~86.00
1
113.0
3.5
1
SMAJ75A
SMAJ75CA
RR
ZR
75.0
83.30~92.10
1
121.0
3.3
1
SMAJ78A
SMAJ78CA
RT
ZT
78.0
86.70~95.80
1
126.0
3.2
1
SMAJ85A
SMAJ85CA
RV
ZV
85.0
94.40~104.00
1
137.0
2.9
1
SMAJ90A
SMAJ90CA
RX
ZX
90.0
100.00~111.00
1
146.0
2.7
1
SMAJ100A
SMAJ100CA
RZ
ZZ
100.0
111.00~123.00
1
162.0
2.5
1
SMAJ110A
SMAJ110CA
SE
VE
110.0
122.00~135.00
1
177.0
2.3
1
SMAJ120A
SMAJ120CA
SG
VG
120.0
133.00~147.00
1
193.0
2.1
1


유사한 부품 번호 - SMAJ60A

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
SMAJ60A LUGUANG-SMAJ60A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ60A DYELEC-SMAJ60A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Socay Electornics Co., ...
SMAJ60A SOCAY-SMAJ60A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ60A JGD-SMAJ60A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ60A SOCAY-SMAJ60A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ60A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com