전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2738XSD 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM2738XSD
상세설명  1.5A Step-Down DC-DC Switching Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2738XSD 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM2738XSD Datasheet HTML 7Page - Texas Instruments LM2738XSD Datasheet HTML 8Page - Texas Instruments LM2738XSD Datasheet HTML 9Page - Texas Instruments LM2738XSD Datasheet HTML 10Page - Texas Instruments LM2738XSD Datasheet HTML 11Page - Texas Instruments LM2738XSD Datasheet HTML 12Page - Texas Instruments LM2738XSD Datasheet HTML 13Page - Texas Instruments LM2738XSD Datasheet HTML 14Page - Texas Instruments LM2738XSD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
L
R1
R2
D1
D2
BOOST
Output
Control
Logic
Current
Limit
Thermal
Shutdown
Under
Voltage
Lockout
Corrective Ramp
Reset
Pulse
PWM
Comparator
Current-Sense Amplifier
RSENSE
+
+
Internal
Regulator
and
Enable
Circuit
Oscillator
Driver
0.25:
Switch
Internal
Compensation
SW
EN
FB
GND
Error Amplifier
-
+
VREF
0.8V
COUT
ON
OFF
VBOOST
IL
VSW
+
-
CBOOST
VOUT
CIN
VIN
VIN
ISENSE
+
-
+
-
0.93V
-
+
OVP
Comparator
Error
Signal
11
LM2738
www.ti.com
SNVS556C – APRIL 2008 – REVISED JANUARY 2016
Product Folder Links: LM2738
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Boost Function
Capacitor CBOOST and diode D2 in Figure 26 are used to generate a voltage VBOOST. VBOOST – VSW is the gate-
drive voltage to the internal NMOS control switch. To properly drive the internal NMOS switch during its on time,
VBOOST must be at least 2.5 V greater than VSW. TI recommends that VBOOST be greater than 2.5 V above VSW for
best efficiency. VBOOST – VSW must not exceed the maximum operating limit of 5.5 V. For best performance, see
Equation 1.
5.5 V > VBOOST – VSW > 2.5 V
(1)
When the LM2738 starts up, internal circuitry from the BOOST pin supplies a maximum of 20 mA to CBOOST. This
current charges CBOOST to a voltage sufficient to turn the switch on. The BOOST pin continues to source current
to CBOOST until the voltage at the feedback pin is greater than 0.76 V.
There are various methods to derive VBOOST:
1. From the input voltage (3 V < VIN < 5.5 V)
2. From the output voltage (2.5 V < VOUT < 5.5 V)
3. From an external distributed voltage rail (2.5 V < VEXT < 5.5 V)
4. From a shunt or series Zener diode
As seen on the Functional Block Diagram, capacitor CBOOST and diode D2 supply the gate-drive voltage for the
NMOS switch. Capacitor CBOOST is charged via diode D2 by VIN. During a normal switching cycle, when the
internal NMOS control switch is off (TOFF) (refer to Figure 25), VBOOST equals VIN minus the forward voltage of D2
(VFD2), during which the current in the inductor (L) forward biases the Schottky diode D1 (VFD1). Therefore the
voltage stored across CBOOST is Equation 2:
VBOOST – VSW = VIN – VFD2 + VFD1
(2)
When the NMOS switch turns on (TON), the switch pin rises to Equation 3:
VSW = VIN – (RDSON × IL),
(3)
forcing VBOOST to rise, thus reverse biasing D2. The voltage at VBOOST is then Equation 4:
VBOOST = 2 VIN – (RDSON × IL) – VFD2 + VFD1
(4)
which is approximately 2 VIN – 0.4 V for many applications. Thus the gate-drive voltage of the NMOS switch is
approximately VIN – 0.2 V.


유사한 부품 번호 - LM2738XSD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2738XSD NSC-LM2738XSD Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738XSDX NSC-LM2738XSDX Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results

유사한 설명 - LM2738XSD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com