전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L62215CT-ND 데이터시트(PDF) 6 Page - Skyworks Solutions Inc.

부품명 L62215CT-ND
상세설명  Li-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

L62215CT-ND 데이터시트(HTML) 6 Page - Skyworks Solutions Inc.

Back Button L62215CT-ND Datasheet HTML 2Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 3Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 4Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 5Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 6Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 7Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 8Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 9Page - Skyworks Solutions Inc. L62215CT-ND Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Typical Characteristics
Charging Current vs. Temperature
(RSENSE = 0.15Ω)
Temperature (°C)
650
660
670
680
690
700
-50
-25
0
25
50
75
100
Charging Current vs. Input Voltage
(RSENSE = 0.15Ω with External Schottky)
Input Voltage (V)
0
100
200
300
400
500
600
700
4.0
4.5
5.0
5.5
6.0
VBAT = 4.1V
VBAT = 3.6V
Charging Current vs. Battery Voltage
(RSENSE = 0.15Ω with External Schottky)
Battery Voltage (V)
0
100
200
300
400
500
600
700
2.5
3.0
3.5
4.0
4.5
5.0
VIN = 4.5V
VIN = 4.75V
VIN = 5.5V
Trickle Charge Current vs. Input Voltage
(RSENSE = 0.15Ω; 1.8X Mode)
Input Voltage (V)
130
135
140
145
150
155
160
165
170
4.0
4.5
5.0
5.5
6.0
Charging Current vs. Input Voltage
(RSENSE = 0.2Ω with External Schottky)
Input Voltage (V)
0
100
200
300
400
500
600
4.0
4.5
5.0
5.5
6.0
VBAT = 4.0V
VBAT = 3.6V
Trickle Charge Current vs. Input Voltage
(RSENSE = 0.2Ω; 1.8X Mode)
Input Voltage (V)
94
96
98
100
102
104
4
4.5
5
5.5
6


유사한 부품 번호 - L62215CT-ND

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
   Quad Darlington switch
March 2009 Rev 4
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6221AD STMICROELECTRONICS-L6221AD Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6221AD STMICROELECTRONICS-L6221AD Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
More results

유사한 설명 - L62215CT-ND

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com