전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3648 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3648
상세설명  Synchronous Boost LED Flash Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3648 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM3648 Datasheet HTML 5Page - Texas Instruments LM3648 Datasheet HTML 6Page - Texas Instruments LM3648 Datasheet HTML 7Page - Texas Instruments LM3648 Datasheet HTML 8Page - Texas Instruments LM3648 Datasheet HTML 9Page - Texas Instruments LM3648 Datasheet HTML 10Page - Texas Instruments LM3648 Datasheet HTML 11Page - Texas Instruments LM3648 Datasheet HTML 12Page - Texas Instruments LM3648 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
VIN (V)
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
1.875
1.9
1.925
1.95
1.975
2
2.025
2.05
2.075
2.1
2.125
D017
TA = +25GC
TA = +85GC
TA = -40GC
VIN (V)
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
3.75
3.8
3.85
3.9
3.95
4
4.05
4.1
4.15
4.2
4.25
D017
D018
TA = +25GC
TA = +85GC
TA = -40GC
VIN (V)
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
D013
TA = -40GC
TA = +25GC
TA = +85GC
VIN (V)
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
D014
TA = -40GC
TA = +25GC
TA = +85GC
LM3648, LM3648TT
www.ti.com
SNVSA68B – OCTOBER 2014 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
TA = 25°C, VIN = 3.6 V, HWEN = VIN, CIN = COUT = 2 × 10 µF and L = 1 µH, unless otherwise noted.
ƒSW = 2 MHz
Flash
VLED = 4.5 V
ƒSW = 4 MHz
Flash
VLED = 4.5 V
Brightness Code = 0x3F
ICL = 2.8 A
Brightness Code = 0x3F
ICL = 2.8 A
Figure 18. Inductor Current Limit vs Input Voltage
Figure 19. Inductor Current Limit vs Input Voltage
Figure 20. 2-MHz Switching Frequency vs Input Voltage
Figure 21. 4-MHz Switching Frequency vs Input Voltage
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3648 LM3648TT


유사한 부품 번호 - LM3648

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

유사한 설명 - LM3648

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com