전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ12010TZE 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LMZ12010TZE
상세설명  10A SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ12010TZE 데이터시트(HTML) 2 Page - Texas Instruments

  LMZ12010TZE Datasheet HTML 1Page - Texas Instruments LMZ12010TZE Datasheet HTML 2Page - Texas Instruments LMZ12010TZE Datasheet HTML 3Page - Texas Instruments LMZ12010TZE Datasheet HTML 4Page - Texas Instruments LMZ12010TZE Datasheet HTML 5Page - Texas Instruments LMZ12010TZE Datasheet HTML 6Page - Texas Instruments LMZ12010TZE Datasheet HTML 7Page - Texas Instruments LMZ12010TZE Datasheet HTML 8Page - Texas Instruments LMZ12010TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LMZ12010
SNVS667H – FEBRUARY 2010 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 17
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 23
4
Revision History..................................................... 2
10
Layout................................................................... 23
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 23
6
Specifications......................................................... 3
10.2
Layout Examples................................................... 24
6.1
Absolute Maximum Ratings ..................................... 3
10.3
Power Dissipation and Thermal Considerations ... 26
6.2
ESD Ratings.............................................................. 4
10.4
Power Module SMT Guidelines ............................ 26
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 28
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 28
6.5
Electrical Characteristics........................................... 4
11.2
Documentation Support ........................................ 28
6.6
Typical Characteristics ............................................. 6
11.3
Community Resources.......................................... 28
7
Detailed Description ............................................ 14
11.4
Trademarks ........................................................... 28
7.1
Overview ................................................................. 14
11.5
Electrostatic Discharge Caution ............................ 28
7.2
Functional Block Diagram ....................................... 14
11.6
Glossary ................................................................ 28
7.3
Feature Description................................................. 14
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 15
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2013) to Revision H
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision F (March 2013) to Revision G
Page
Changed 12 mil .................................................................................................................................................................... 23
Changed 12 mil .................................................................................................................................................................... 26
Added Power Module SMT Guidelines................................................................................................................................. 26
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12010


유사한 부품 번호 - LMZ12010TZE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ12010TZE NSC-LMZ12010TZE Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZE TI-LMZ12010TZE Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

유사한 설명 - LMZ12010TZE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com