전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ12010TZE 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LMZ12010TZE
상세설명  10A SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ12010TZE 데이터시트(HTML) 1 Page - Texas Instruments

  LMZ12010TZE Datasheet HTML 1Page - Texas Instruments LMZ12010TZE Datasheet HTML 2Page - Texas Instruments LMZ12010TZE Datasheet HTML 3Page - Texas Instruments LMZ12010TZE Datasheet HTML 4Page - Texas Instruments LMZ12010TZE Datasheet HTML 5Page - Texas Instruments LMZ12010TZE Datasheet HTML 6Page - Texas Instruments LMZ12010TZE Datasheet HTML 7Page - Texas Instruments LMZ12010TZE Datasheet HTML 8Page - Texas Instruments LMZ12010TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
VIN
CIN
3 x 10 2F
RFBT
CFF 4.7 nF (OPT)
See Table
CSS
0.47 2F
(OPT)
RFBB
See Table
COUT
2 x 330 2F
LMZ12010
VOUT
Enable
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ12010
SNVS667H – FEBRUARY 2010 – REVISED AUGUST 2015
LMZ12010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
1 Features
2 Applications
1
Integrated Shielded Inductor
Point-of-load Conversions from 12-V Input Rail
Simple PCB Layout
Time-Critical Projects
Fixed Switching Frequency (350 kHz)
Space Constrained and High Thermal
Requirement Applications
Flexible Start-Up Sequencing Using External Soft-
Start, Tracking and Precision Enable
Negative Output Voltage Application
(See AN-2027 SNVA425)
Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
3 Description
Junction Temperature Range –40°C to 125°C
The LMZ12010 SIMPLE SWITCHER® power module
Single Exposed Pad and Standard Pinout for Easy
is an easy-to-use step-down DC-DC solution capable
Mounting and Manufacturing
of driving up to 10-A load. The LMZ12010 is available
Fully Enabled for WEBENCH® Power Designer
in an innovative package that enhances thermal
performance
and
allows
for
hand
or
machine
Pin Compatible With LMZ22010/08/06,
soldering.
LMZ12008/06, LMZ23610/08/06, and
LMZ13610/08/06
The LMZ12010 device can accept an input voltage
rail between 6 V and 20 V and deliver an adjustable
Electrical Specifications
and highly accurate output voltage as low as 0.8 V.
50-W Maximum Total Output Power
The LMZ12010 only requires two external resistors
Up to 10-A Output Current
and external capacitors to complete the power
solution. The LMZ12010 is a reliable and robust
Input Voltage Range 6 V to 20 V
design with the following protection features: thermal
Output Voltage Range 0.8 V to 6 V
shutdown, programmable input undervoltage lockout,
Efficiency up to 92%
output overvoltage protection, short circuit protection,
Performance Benefits
output current limit, and the device allows start-up
into a prebiased output.
High Efficiency Reduces System Heat
Generation
Device Information(1)(2)
Low Radiated Emissions (EMI) Tested to
PART NUMBER
PACKAGE
BODY SIZE (NOM)
EN55022 (1)
LMZ12010
NDY (11)
15.00 mm × 15.00 mm
Only 7 External Components
(1) For all available packages, see the orderable addendum at
Low Output Voltage Ripple
the end of the data sheet.
No External Heat Sink Required
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
(1)
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B, tested on
Evaluation Board with EMI configuration.
Simplified Application Schematic
Efficiency 3.3-V Output at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LMZ12010TZE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ12010TZE NSC-LMZ12010TZE Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZE TI-LMZ12010TZE Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

유사한 설명 - LMZ12010TZE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com