전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ23603TZE 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LMZ23603TZE
상세설명  3A SIMPLE SWITCHER Power Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23603TZE 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LMZ23603TZE Datasheet HTML 7Page - Texas Instruments LMZ23603TZE Datasheet HTML 8Page - Texas Instruments LMZ23603TZE Datasheet HTML 9Page - Texas Instruments LMZ23603TZE Datasheet HTML 10Page - Texas Instruments LMZ23603TZE Datasheet HTML 11Page - Texas Instruments LMZ23603TZE Datasheet HTML 12Page - Texas Instruments LMZ23603TZE Datasheet HTML 13Page - Texas Instruments LMZ23603TZE Datasheet HTML 14Page - Texas Instruments LMZ23603TZE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
0
1
2
3
0
1
2
3
4
OUTPUT CURRENT (A)
36 Vin*
30 Vin*
24 Vin*
20 Vin*
12 Vin
9 Vin
6 Vin
0
1
2
3
20
30
40
50
60
70
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin*
24 Vin*
30 Vin*
36 Vin*
0
1
2
3
0
1
2
3
4
OUTPUT CURRENT (A)
36 Vin*
30 Vin*
24 Vin*
20 Vin
12 Vin
9 Vin
6 Vin
0
1
2
3
15
25
35
45
55
65
75
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin
24 Vin*
30 Vin*
36 Vin*
0
1
2
3
0
1
2
3
4
OUTPUT CURRENT (A)
36 Vin*
30 Vin*
24 Vin
20 Vin
12 Vin
9 Vin
6 Vin
0
1
2
3
20
30
40
50
60
70
80
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin
24 Vin
30 Vin*
36 Vin*
LMZ23603
www.ti.com
SNVS711J – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 2 x 10 μF + 1-μF X7R Ceramic; CO = 220-μF
Specialty Polymer + 10-µF Ceramic; TA = 25°C for waveforms. Efficiency and dissipation plots marked with * have cycle
skipping at light loads resulting is slightly higher output ripple – See Design Steps section.
Figure 31. Efficiency 1.2-V Output at 85°C Ambient
Figure 32. Dissipation 1.2-V Output at 85°C Ambient
Figure 33. Efficiency 1-V Output at 85°C Ambient
Figure 34. Dissipation 1-V Output at 85°C Ambient
Figure 35. Efficiency 0.8-V Output at 85°C Ambient
Figure 36. Dissipation 0.8-V Output at 85°C Ambient
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ23603


유사한 부품 번호 - LMZ23603TZE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ23603 NSC-LMZ23603 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
More results

유사한 설명 - LMZ23603TZE

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203HTZ NSC-LMZ14203HTZ Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER Power Module for High Output
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com