전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ23603TZX 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LMZ23603TZX
상세설명  3A SIMPLE SWITCHER Power Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23603TZX 데이터시트(HTML) 1 Page - Texas Instruments

  LMZ23603TZX Datasheet HTML 1Page - Texas Instruments LMZ23603TZX Datasheet HTML 2Page - Texas Instruments LMZ23603TZX Datasheet HTML 3Page - Texas Instruments LMZ23603TZX Datasheet HTML 4Page - Texas Instruments LMZ23603TZX Datasheet HTML 5Page - Texas Instruments LMZ23603TZX Datasheet HTML 6Page - Texas Instruments LMZ23603TZX Datasheet HTML 7Page - Texas Instruments LMZ23603TZX Datasheet HTML 8Page - Texas Instruments LMZ23603TZX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
0
1
2
3
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
9 VIn
12 Vin
20 Vin
24 Vin
30 Vin
36 Vin
VIN
CIN
22 2F
Enable
RFBT
See Table
CSS
0.47 2F
RFBB
See Table
Co
220 2F
LMZ23603
VOUT @ 3A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ23603
SNVS711J – MARCH 2011 – REVISED AUGUST 2015
LMZ23603 3-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage
1
1 Features
Integrated Shielded Inductor
2 Applications
Simple PCB Layout
Point-of-load Conversions from 12-V and 24-V
Input Rail
Frequency Synchronization Input (650 kHz to 950
kHz)
Time-Critical Projects
Flexible Startup Sequencing Using External Soft-
Space Constrained and High Thermal
start, Tracking and Precision Enable
Requirement Applications
Protection Against Inrush Currents and Faults
Negative Output Voltage Applications (See AN-
Such as Input UVLO and Output Short Circuit
2027, SNVA425)
Junction Temperature Range –40°C to 125°C
3 Description
Single Exposed Pad and Standard Pinout for Easy
The LMZ23603 SIMPLE SWITCHER® power module
Mounting and Manufacturing
is an easy-to-use step-down DC-DC solution capable
Fast Transient Response for Powering FPGAs
of driving up to 3-A load. The LMZ23603 is available
and ASICs
in an innovative package that enhances thermal
Fully Enabled for WEBENCH® Power Designer
performance
and
allows
for
hand
or
machine
soldering.
Pin Compatible With
LMZ22005/LMZ23605/LMZ22003
The LMZ23603 can accept an input voltage rail
Performance Benefits
between 6 V and 36 V and deliver an adjustable and
highly accurate output voltage as low as 0.8 V. The
High Efficiency Reduces System Heat
LMZ23603 only requires two external resistors and
Generation
three external capacitors to complete the power
Tested to EN55022 Class B
solution. The LMZ23603 is a reliable and robust
See AN-2125 (SNVA473) and layout for
design with the following protection features: thermal
shutdown, programmable input undervoltage lockout,
information on device under test.
output overvoltage protection, short circuit protection,
VIN = 24 V, VO = 3.3 V, IO = 3 A
output current limit, and allows start-up into a
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007.
prebiased
output.
The
sync
input
allows
synchronization
over
the
650-kHz
to
950-kHz
Low component count, only 5 external
switching frequency range.
components
Low output voltage ripple
Device Information(1)(2)
Uses PCB as heat sink, no airflow required
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Electrical Specifications
LMZ23603
NDW (7)
10.16 mm × 9.85 mm
18-W maximum total output power
(1) For all available packages, see the orderable addendum at
Up to 3-A output current
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
Input voltage range 6 V to 36 V
more details.
Output voltage range 0.8 V to 6 V
Efficiency up to 92%
Simplified Application Schematic
Efficiency 5-V Output at 25°C Ambient
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LMZ23603TZX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ23603 NSC-LMZ23603 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
More results

유사한 설명 - LMZ23603TZX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203HTZ NSC-LMZ14203HTZ Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER Power Module for High Output
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com