전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SS422 데이터시트(PDF) 1 Page - Yea Shin Technology Co., Ltd

부품명 1SS422
상세설명  High Speed Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1SS422 데이터시트(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1SS422 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1SS422 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1SS422 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
1SS422
High Speed Switching Diodes
FEATURES
Small surface mounting type
High Speed
High reliability with high surge current
SOD–523
E4
E4 :MARKING
2
ANODE
1
CATHODE
Maximum Ratings and Electrical Characteristics, Single Diode @TA= 25
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
100
V
DC reverse voltage
VR
85
V
Peak forward current
IFM
500
mA
Mean rectifying current
IO
150
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-55~+125
Electrical Ratings @TA= 25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=150mA
Reverse current
IR
0.1
µA
VR=85V
Capacitance between terminals
CT
3.0
pF
VR=0.5V, f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
H


유사한 부품 번호 - 1SS422

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
Diode Semiconductor Kor...
1SS422 DSK-1SS422 Datasheet
236Kb / 3P
   High speed Switching Diode
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
185Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS422 BILIN-1SS422 Datasheet
153Kb / 3P
   High speed Switching Diode
logo
TRANSYS Electronics Lim...
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
   Plastic-Encapsulated Diodes
More results

유사한 설명 - 1SS422

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com