전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3894CCYGA120 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 AM3894CCYGA120
상세설명  Sitara ARM Microprocessors
Download  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM3894CCYGA120 데이터시트(HTML) 4 Page - Texas Instruments

  AM3894CCYGA120 Datasheet HTML 1Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 2Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 3Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 4Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 5Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 6Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 7Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 8Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 313 page
background image
McASP
(3)
McBSP
DDR3
32-bit
(2)
GPMC
and
ELM
EDMA
EMAC
GMII and MII
(2)
MDIO
USB 2.0
Ctrl and PHY
(2)
PCIe 2.0
(One Port,
)
x2 Lanes
GP Timer
(7)
Watchdog
Timer
UART
(3)
SPI
SD and
SDIO
I2C
(2)
SATA
3 Gbps
(2)
Real-Time
Clock
PRCM
JTAG
System Control
Serial Interfaces
Program and Data Storage
Connectivity
DMA
Peripherals
System Interconnect
ARM Subsystem
Cortex™-A8
CPU
32KB
D-Cache
256KB L2 Cache
Boot ROM
48KB
RAM
64KB
NEON
FPU
HD Video Processing
Subsystem (HDVPSS)
Video Capture
Display Processing
HD OSD
SD OSD
HD VENC
SD VENC
HD DACs
SD DACs
HDMI Xmt
ICECrusher™
Software
32KB
I-Cache
A. SGX530 is available only on the AM3894 device.
AM3894
AM3892
SPRS681G – OCTOBER 2010 – REVISED MARCH 2015
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. AM389x Device Functional Block Diagram
4
Device Overview
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3894 AM3892


유사한 부품 번호 - AM3894CCYGA120

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3894CCYGA120 TI-AM3894CCYGA120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
More results

유사한 설명 - AM3894CCYGA120

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com