전자부품 데이터시트 검색엔진 |
|
AM3356BZCZ60 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
AM3356BZCZ60 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 253 page 9 AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351 www.ti.com SPRS717J – OCTOBER 2011 – REVISED APRIL 2016 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351 Device Comparison Copyright © 2011–2016, Texas Instruments Incorporated Table 3-1. Device Features Comparison (continued) FUNCTION AM3351 AM3352 AM3354 AM3356 AM3357 AM3358 AM3359 Multichannel audio serial port (McASP) 2 2 2 2 2 2 2 Multichannel serial port interface (McSPI) 2 2 2 2 2 2 2 Enhanced direct memory access (EDMA) 64-Ch 64-Ch 64-Ch 64-Ch 64-Ch 64-Ch 64-Ch Input/output (I/O) supply 1.8 V, 3.3 V 1.8 V, 3.3 V 1.8 V, 3.3 V 1.8 V, 3.3 V 1.8 V, 3.3 V 1.8 V, 3.3 V 1.8 V, 3.3 V Operating temperature range 0 to 90°C –40 to 105°C -40 to 125°C(4) –40 to 105°C –40 to 90°C 0 to 90°C –40 to 105°C –40 to 90°C 0 to 90°C –40 to 105°C –40 to 90°C 0 to 90°C –40 to 105°C –40 to 90°C –40 to 105°C –40 to 90°C 0 to 90°C –40 to 105°C –40 to 90°C (1) Frequencies listed correspond to silicon revision 2.x. Earlier silicon revisions support 275 MHz, 500 MHz, 600 MHz, and 720 MHz. (2) MIPS listed correspond to silicon revision 2.x. Earlier silicon revisions support 560, 1000, 1200, and 1440. (3) DRAM speeds listed are data rates. (4) Industrial extended temperature only supported for 300-MHz and 600-MHz frequencies. 3.1 Related Products For information about other devices in this family of products, see the following links: Sitara Processors Scalable processors based on ARM Cortex-A cores with flexible peripherals, connectivity and unified software support – perfect for sensors to servers. TI's ARM Cortex-A8 Advantage The ARM Cortex-A8 core is highly-optimized by ARM for performance and power efficiency. With the ability to scale in speed from 300MHz to 1.35GHz, the ARM Cortex-A8-based processor can meet the requirements for power optimized devices with a power budget of less than the Cortex-A8 core a dual-issue superscalar, achieving twice the instructions executed per clock cycle at 2 DMIPS/MHz. Sitara AM335x Processors Scalable ARM Cortex-A8-based core from 300 MHz up to 1 GHz, 3D graphics option for enhanced user interface, dual-core PRU-ICSS for industrial Ethernet protocols and position feedback control, and premium secure boot option. Companion Products for Sitara AM335x Processors Review products that are frequently purchased or used in conjunction with this product. TI Designs for Sitara AM335x Processors TI Designs Reference Design Library is a robust reference design library spanning analog, embedded processor and connectivity. Created by TI experts to help you jump start your system design, all TI Designs include schematic or block diagrams, BOMs and design files to speed your time to market. Search and download designs at ti.com/tidesigns. |
유사한 부품 번호 - AM3356BZCZ60 |
|
유사한 설명 - AM3356BZCZ60 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |