전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD-1.8V 데이터시트(PDF) 1 Page - Pericom Semiconductor Corporation

부품명 KD-1.8V
상세설명  1.8V CMOS 32.768kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KD-1.8V 데이터시트(HTML) 1 Page - Pericom Semiconductor Corporation

  KD-1.8V Datasheet HTML 1Page - Pericom Semiconductor Corporation KD-1.8V Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
KD 1.8V REV A
2011_NOV 28
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888 • www.saronix-ecera.com
1
1.8V CMOS 32.768kHz
KD Series 1.8V CMOS kHz Crystal Oscillator
5.0 x 3.2mm
KD
KN Series Real Time Clock Oscillator
7.0x5.0mm (XO)
Product Features
•32.768 kHz
•1.8V CMOS compatible logic levels
•Low power standby mode (< 10µA)
•Low power active mode (< 0.17mA typ.)
•Designed for standard reflow and washing
techniques
•Pb-free and RoHS/Green compliant
Product Description
The KD Series is a real time clock oscillator that
achieves superb stability over a broad range
of operating conditions. The output clock
signal is compatible with LVCMOS/LVTTL logic
levels. The device, available on tape and reel,
is contained in a 5.0 x 3.2mm surface-mount
ceramic package.
Applications
Real-Time Clock Oscillator
Package: (Dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
5.0 x 3.2mm Ceramic SMD
Part Ordering Information:
Following the above format, SaRonix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
KN XXX YYYY
Product�Family
XXX = Frequency�Code
YYYY = Specification�Code
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
D
11-0032


유사한 부품 번호 - KD-1.8V

제조업체부품명데이터시트상세설명
logo
Winchester Electronics ...
KD-19-101 WINCHESTER-KD-19-101 Datasheet
57Kb / 1P
   JACK, BKHD, C
KD-19-110 WINCHESTER-KD-19-110 Datasheet
60Kb / 1P
   JACK, BULKHEAD, C
KD-19-45 WINCHESTER-KD-19-45 Datasheet
115Kb / 1P
   C BULKHEAD JACK
KD-19-61 WINCHESTER-KD-19-61 Datasheet
45Kb / 1P
   BULKHEAD JACK
KD-19-65 WINCHESTER-KD-19-65 Datasheet
68Kb / 1P
   FOR USE WITH RG-55
More results

유사한 설명 - KD-1.8V

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
   1.8V CMOS 32.768kHz
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
   1.8V CMOS 32.768kHz
KJ-1.8V PERICOM-KJ-1.8V Datasheet
662Kb / 2P
   1.8V CMOS 32.768kHz
KK-1.8V PERICOM-KK-1.8V Datasheet
602Kb / 2P
   1.8V CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
   CMOS 32.768kHz
KX321 PERICOM-KX321 Datasheet
646Kb / 2P
   CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
   CMOS 32.768kHz
KX201 PERICOM-KX201 Datasheet
662Kb / 2P
   CMOS 32.768kHz
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
   2.5V CMOS 32.768kHz
KM-3.3V PERICOM-KM-3.3V Datasheet
647Kb / 2P
   3.3V CMOS 32.768kHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com