전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93180605000 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 93180605000
상세설명  18 AWG pairs stranded (19x30) tinned copper conductors,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

93180605000 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  93180605000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 93180605000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 93180605000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
PLTC, ITC, CMG
CEC/C(UL) Specification:
CMG
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 FT4 Loading
C(UL) Flame Test:
FT4
IEEE Flame Test:
1202
ICEA Flame Test:
T-29-520
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Surface Printing (Overall)
Electrical Characteristics (Overall)
Nom. Inductance:
Inductance (µH/m)
0.55777
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
328.1
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
177.174
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
19.5548
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
29.529
Max. Operating Voltage - UL:
Voltage
300 V RMS (PLTC
CMG)
150 V RMS (ITC)
Max. Recommended Current:
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9318 Multi-Conductor - 300V Power-Limited Tray Cable


유사한 부품 번호 - 93180605000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
9318 ETC2-9318 Datasheet
1Mb / 22P
   300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
9318 BELDEN-9318 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9318 KEYSTONE-9318 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9318 HEYCO-9318 Datasheet
153Kb / 1P
   Lockit™ Nylon Cable Clamps
9318 HEYCO-9318 Datasheet
152Kb / 2P
   Snap Rivets
More results

유사한 설명 - 93180605000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
   18 AWG stranded (19x30) tinned copper conductors
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
1346630 ETC2-1346630 Datasheet
99Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com