전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC1200-Q1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 AMC1200-Q1
상세설명  Fully-Differential Isolation Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200-Q1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button AMC1200-Q1 Datasheet HTML 4Page - Texas Instruments AMC1200-Q1 Datasheet HTML 5Page - Texas Instruments AMC1200-Q1 Datasheet HTML 6Page - Texas Instruments AMC1200-Q1 Datasheet HTML 7Page - Texas Instruments AMC1200-Q1 Datasheet HTML 8Page - Texas Instruments AMC1200-Q1 Datasheet HTML 9Page - Texas Instruments AMC1200-Q1 Datasheet HTML 10Page - Texas Instruments AMC1200-Q1 Datasheet HTML 11Page - Texas Instruments AMC1200-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
2.7
3
3.3
3.6
VDD2 (V)
VDD2 = 2.7 V to 3.6 V
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
4.5
4.75
5
5.25
5.5
VDD2 (V)
VDD2 = 4.5 V to 5.5 V
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
−400
−300
−200
−100
0
100
200
300
400
Input Voltage (mV)
VOUTP
VOUTN
VDD2 = 2.7 V to 3.6 V
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
4.5
4.75
5
5.25
5.5
VDD1 (V)
−360
−330
−300
−270
−240
−210
−180
−150
−120
−90
−60
−30
0
1
10
100
1000
Input Frequency (kHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
−400
−300
−200
−100
0
100
200
300
400
Input Voltage (mV)
VOUTP
VOUTN
8
AMC1200-Q1
SBAS585A – SEPTEMBER 2012 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: AMC1200-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VDD1 = VDD2 = 5 V, VVINP = –250 mV to 250 mV, and VVINN = 0 V (unless otherwise noted)
Figure 13. Output Phase vs Input Frequency
Figure 14. Output Voltage vs Input Voltage
Figure 15. Output Voltage vs Input Voltage
Figure 16. Nonlinearity vs High-Side Supply Voltage
Figure 17. Nonlinearity vs Low-Side Supply Voltage
Figure 18. Nonlinearity vs Low-Side Supply Voltage


유사한 부품 번호 - AMC1200-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
More results

유사한 설명 - AMC1200-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com