전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC2112-Q1 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 FDC2112-Q1
상세설명  Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112-Q1 데이터시트(HTML) 11 Page - Texas Instruments

Back Button FDC2112-Q1 Datasheet HTML 7Page - Texas Instruments FDC2112-Q1 Datasheet HTML 8Page - Texas Instruments FDC2112-Q1 Datasheet HTML 9Page - Texas Instruments FDC2112-Q1 Datasheet HTML 10Page - Texas Instruments FDC2112-Q1 Datasheet HTML 11Page - Texas Instruments FDC2112-Q1 Datasheet HTML 12Page - Texas Instruments FDC2112-Q1 Datasheet HTML 13Page - Texas Instruments FDC2112-Q1 Datasheet HTML 14Page - Texas Instruments FDC2112-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 3
C
Resonant
circuit driver
Resonant
circuit driver
Copyright © 2016, Texas Instruments Incorporated
11
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
www.ti.com
SNOSCZ9 – MAY 2016
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 11. Block Diagram for the FDC2114 and FDC2214
The FDC is composed of front-end resonant circuit drivers, followed by a multiplexer that sequences through the
active channels, connecting them to the core that measures and digitizes the sensor frequency (fSENSOR). The
core uses a reference frequency (fREF) to measure the sensor frequency. fREF is derived from either an internal
reference clock (oscillator), or an externally supplied clock. The digitized output for each channel is proportional
to the ratio of fSENSOR/fREF. The I2C interface is used to support device configuration and to transmit the digitized
frequency values to a host processor. The FDC can be placed in shutdown mode, saving current, using the SD
pin. The INTB pin may be configured to notify the host of changes in system status.
7.3 Feature Description
7.3.1 Clocking Architecture
Figure 12 shows the clock dividers and multiplexers of the FDC.


유사한 부품 번호 - FDC2112-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
More results

유사한 설명 - FDC2112-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Sanyo Semicon Device
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com