전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1950A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1950A
상세설명  SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1950A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1950A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Ripple


유사한 부품 번호 - TA1950A

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TA1950AM TRANSKO-TA1950AM Datasheet
428Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 1: July 2011
More results

유사한 설명 - TA1950A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1870D TAI-SAW-TA1870D Datasheet
428Kb / 9P
   SAW Filter 1960 MHz 60MHz BW Band 2 SMD 1.1x0.9 mm
TA1870DN TAI-SAW-TA1870DN Datasheet
333Kb / 8P
   SAW Filter 1960 MHz 60MHz BW Band 2 SMD 1.1x0.9 mm
TA1845DN1224 TAI-SAW-TA1845DN1224 Datasheet
470Kb / 9P
   SAW Filter 2140 MHz Band 1 Rx SMD 1.1x0.9 mm
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
TA1839A TAI-SAW-TA1839A Datasheet
543Kb / 9P
   SAW Filter 942.5 MHz Band 8 Rx SMD 1.1x0.9 mm (BW=35 MHz)
TA1898AC TAI-SAW-TA1898AC Datasheet
457Kb / 9P
   SAW Filter 788 MHz B28 Rx SMD 1.1x0.9 mm
TA1897AC TAI-SAW-TA1897AC Datasheet
457Kb / 9P
   SAW Filter 773 MHz B28 Rx SMD 1.1x0.9 mm
TA1847CC TAI-SAW-TA1847CC Datasheet
471Kb / 8P
   SAW Filter 2655 MHz B7 Rx SMD 1.1x0.9 mm
TA1898D TAI-SAW-TA1898D Datasheet
476Kb / 8P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1843DA TAI-SAW-TA1843DA Datasheet
785Kb / 8P
   SAW Rx Filter 1842.5 MHz LTE Band 3 SMD 1.1x0.9 mm (BW=75 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com