전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1953A 데이터시트(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1953A
상세설명  SAW Filter 806 MHz Band 20 Rx SMD 1.4X1.1 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1953A 데이터시트(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1953A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1953A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Smith Chart


유사한 부품 번호 - TA1953A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950A TAI-SAW-TA1950A Datasheet
373Kb / 11P
   SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
logo
Transko Electronics, In...
TA1950AM TRANSKO-TA1950AM Datasheet
428Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 1: July 2011
TA1950CM1 TRANSKO-TA1950CM1 Datasheet
445Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 0: March 2007
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950D TAI-SAW-TA1950D Datasheet
967Kb / 8P
   SAW Rx Filter 1960MHz LTE Band 2 SMD 1109 (60MHz BW)
logo
Transko Electronics, In...
TA1950FM TRANSKO-TA1950FM Datasheet
387Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2009
More results

유사한 설명 - TA1953A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA1655A TAI-SAW-TA1655A Datasheet
346Kb / 8P
   SAW Filter 806 MHz 30MHz BW SMD 1.4X1.1 mm
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2474A TAI-SAW-TA2474A Datasheet
448Kb / 8P
   SAW Filter 788 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2326A TAI-SAW-TA2326A Datasheet
601Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm
TA2326B TAI-SAW-TA2326B Datasheet
606Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm (BW=194 MHz)
TA2326C TAI-SAW-TA2326C Datasheet
615Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm (BW=194 MHz)
TA2326D TAI-SAW-TA2326D Datasheet
611Kb / 9P
   SAW Filter 2593 MHz Band 41 TRX SMD 1.4x1.1 mm (BW=194 MHz)
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA1845DN1224 TAI-SAW-TA1845DN1224 Datasheet
470Kb / 9P
   SAW Filter 2140 MHz Band 1 Rx SMD 1.1x0.9 mm
TA1950A TAI-SAW-TA1950A Datasheet
373Kb / 11P
   SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com