전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0181A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0181A
상세설명  SAW Resonator 314.37 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0181A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0181A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0181A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0181A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0181A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
H. PACKING:
1.REEL DIMENSION
2.TAPE DIMENSION


유사한 부품 번호 - TC0181A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0180A TAI-SAW-TC0180A Datasheet
196Kb / 3P
   SAW Resonator 390 MHz
TC0182A TAI-SAW-TC0182A Datasheet
298Kb / 4P
   SAW Resonator 315.00 MHz SMD 3.8X3.8 mm
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
   SAW Resonator 315.00 MHz
TC0183A TAI-SAW-TC0183A Datasheet
282Kb / 4P
   SAW Resonator 740.545 MHz SMD 3.8X3.8 mm
TC0184A TAI-SAW-TC0184A Datasheet
283Kb / 5P
   SAW Resonator 742.545 MHz SMD 3.8X3.8 mm
More results

유사한 설명 - TC0181A

제조업체부품명데이터시트상세설명
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com