전자부품 데이터시트 검색엔진 |
|
W.FL-R-SMT-1 데이터시트(PDF) 6 Page - Hirose Electric |
|
W.FL-R-SMT-1 데이터시트(HTML) 6 Page - Hirose Electric |
6 / 6 page (1) Mating/ un-mating (2) Cable handling (3) Precautions 1) Mating. 1) Both parts must be aligned on the axis to mate correct. Press down firmly. A tactile “click” will confirm fully mated condition. 2) Un-mating. 1) Fully insert the tool under the plug’s flanges as shown. 1) Apply even force upward until the plug is free. Do not twist, apply excessive forces or sharp bends to the cable. Do NOT forcefully twist or deform wires. 6 sUsage Precautions 1. Plugs 2. Receptacles W.FL-LP-040 Cable Assembly W.FL-R-SMT-1 2N max × × Preheating (130ç to 165ç) Within 2 minutes 40 to 50 seconds Time 80 100 120 140 160 180 200 220 240 260 Peak temperature and time 240ç 3 seconds 183ç [ç] W.FL Cable Assembly W.FL-R-SMT-1 W.FL-LP-N plug extraction tool The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements. (1) Recommended soldering temperature profile (2) Recommended screen thickness 0.1 to 0.12 mm 1) The temperature profile indicates the board surface temperature at the point of contacts with the connector terminals. 2) The temperature may vary, depending on the board size, the solder paste type and thickness. Receptacle The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements. 5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933 http://www.hirose.com http://www.hirose-connectors.com ® |
유사한 부품 번호 - W.FL-R-SMT-1 |
|
유사한 설명 - W.FL-R-SMT-1 |