전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2W10 데이터시트(PDF) 2 Page - Nanjing International Group Co

부품명 2W10
상세설명  SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2W10 데이터시트(HTML) 2 Page - Nanjing International Group Co

  2W10 Datasheet HTML 1Page - Nanjing International Group Co 2W10 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (2W005 THRU 2W10)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.4
0.8
1.2
1.6
2.0
2.4
0
40
20
60
100
80
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0 1.2
1.4
3.0
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125 150 175
CASE TEMPERATURE,( C)
0
20
40
60
80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0


유사한 부품 번호 - 2W10

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
2W10 CHENDA-2W10 Datasheet
590Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
2W10 WTE-2W10 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Electronic devices inc.
2W10 EDI-2W10 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
logo
First Components Intern...
2W10 FCI-2W10 Datasheet
67Kb / 1P
   2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
logo
Shenzhen Yixinwei Techn...
2W10 YIXIN-2W10 Datasheet
146Kb / 2P
   2.0 A Single-Phase Silicon Bridge Rectifier
More results

유사한 설명 - 2W10

제조업체부품명데이터시트상세설명
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
2W005 FORMOSA-2W005 Datasheet
29Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
2W10 DGNJDZ-2W10 Datasheet
220Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
D2SB05A DGNJDZ-D2SB05A Datasheet
67Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
KBP201 DGNJDZ-KBP201 Datasheet
408Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB201 YIXIN-DB201 Datasheet
157Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
RS201 GWSEMI-RS201 Datasheet
61Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBP200 DGNJDZ-GBP200 Datasheet
206Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS201M UNIOHM-RS201M Datasheet
61Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com