전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4051B 데이터시트(PDF) 10 Page - Texas Instruments

부품명 CD4051B
상세설명  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD4051B 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CD4051B_15 Datasheet HTML 6Page - Texas Instruments CD4051B_15 Datasheet HTML 7Page - Texas Instruments CD4051B_15 Datasheet HTML 8Page - Texas Instruments CD4051B_15 Datasheet HTML 9Page - Texas Instruments CD4051B_15 Datasheet HTML 10Page - Texas Instruments CD4051B_15 Datasheet HTML 11Page - Texas Instruments CD4051B_15 Datasheet HTML 12Page - Texas Instruments CD4051B_15 Datasheet HTML 13Page - Texas Instruments CD4051B_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
10
10
10
10
5
4
3
V
= 15V
DD
V
= 5V
DD
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
1
TEST CIRCUIT
V
3
DD
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4051
L
f
100Ω
100Ω
B/D
CD4029
VDD
A B C
9
Ι
V
= 10V
DD
-6
-4
-2
0
2
4
6
V , INPUT SIGNAL VOLTAGE (V)
IS
-6
-4
-2
0
2
4
6
V
= 5V
DD
V
= 0V
SS
V
= -5V
EE
T = 25 C
A
o
R = 100k , R = 10k
L
L
100
500
1k
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
100
200
300
400
600
500
V , INPUT SIGNAL VOLTAGE (V)
IS
T = 25 C
A
o
15V
10V
V
- V
= 5V
DD
EE
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
V , INPUT SIGNAL VOLTAGE (V)
IS
V
- V
= 15V
DD
EE
T = 125 C
A
o
T = 25 C
A
o
T = -55 C
A
o
-4
-3
-2
-1
0
1
2
3
4
0
100
200
300
400
500
600
T = 125 C
A
o
T = -55 C
A
o
T = 25 C
A
o
V
- V
= 5V
DD
EE
5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
300
V , INPUT SIGNAL VOLTAGE (V)
IS
T = 125 C
A
o
T = 25 C
A
o
T = -55 C
A
o
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
www.ti.com
6.7 Typical Characteristics
Figure 2. Channel ON Resistance vs Input Signal Voltage
Figure 1. Channel ON Resistance vs Input Signal Voltage
(All Types)
(All Types)
Figure 3. Channel ON Resistance vs Input Signal Voltage
Figure 4. Channel ON Resistance vs Input Signal Voltage
(All Types)
(All Types)
Figure 5. ON Characteristics for 1 of 8 Channels (CD4051B)
Figure 6. Dynamic Power Dissipation vs Switching
Frequency (CD4051B)
10
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B


유사한 부품 번호 - CD4051B_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
More results

유사한 설명 - CD4051B_15

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com