전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4051BEE4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4051BEE4
상세설명  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD4051BEE4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CD4051BEE4 Datasheet HTML 5Page - Texas Instruments CD4051BEE4 Datasheet HTML 6Page - Texas Instruments CD4051BEE4 Datasheet HTML 7Page - Texas Instruments CD4051BEE4 Datasheet HTML 8Page - Texas Instruments CD4051BEE4 Datasheet HTML 9Page - Texas Instruments CD4051BEE4 Datasheet HTML 10Page - Texas Instruments CD4051BEE4 Datasheet HTML 11Page - Texas Instruments CD4051BEE4 Datasheet HTML 12Page - Texas Instruments CD4051BEE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
20
40
OS
IS
V
Log
dB
V
=
20
40
OS
IS
V
Log
dB
V
=
20
3
OS
IS
V
Log
dB
V
=
CD4051B, CD4052B, CD4053B
www.ti.com
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
Electrical Characteristics (continued)
over operating free-air temperature range, VSUPPLY = ±5 V, AV = +1, and RL = 100 Ω, (unless otherwise noted)
(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
VIS (V)
VEE (V)
VSS (V) VDD (V)
TEMP
tr , tf = 20
0
0
5
200
450
ns,
0
0
10
90
210
Inhibit-to-Signal OUT
Propagation
CL = 50
(Channel Turning OFF) (See
ns
0
0
15
70
160
Delay Time
pF,
Figure 16)
RL = 10
–10
0
5
130
300
k
Input Capacitance, CIN (Any Address or
5
7.5
pF
Inhibit Input)
6.6 AC Performance Characteristics
TEST CONDITIONS
PARAMETER
TYP
UNIT
VIS (V)
VDD (V)
RL (kΩ)
CD4053
30
5(1)
10
1
VOS at Common OUT/IN
CD4052
25
Cutoff (–3dB)
CD4051
20
Frequency
MHz
VEE = VSS ,
Channel ON (Sine
Wave Input)
VOS at Any Channel
60
2(1)
5
0.3%
3(1)
10
10
0.2%
Total Harmonic
Distortion, THD
5(1)
15
0.12%
VEE = VSS, fIS = 1 kHz Sine Wave
5(1)
10
1
CD4053
8
VOS at Common
–40dB
VEE = VSS ,
CD4052
10
OUT/IN
Feedthrough
MHz
CD4051
12
Frequency
(All Channels OFF)
VOS at Any Channel
8
5(1)
10
1
Between Any two Channels
3
Measured on Common
6
Between Sections,
VEE = VSS,
–40dB Signal
Measured on Any
CD4052 Only
10
Crosstalk
MHz
Channel
Frequency
Between Any Two
In Pin 2, Out Pin 14
2.5
Sections, CD4053
In Pin 15, Out Pin 14
6
Only
10
10(2)
65
Address-or-Inhibit-
to-Signal
mVPEAK
VEE = 0, VSS = 0, tr , tf = 20 ns,
65
Crosstalk
VCC = VDD – VSS (Square Wave)
(1)
Peak-to-Peak voltage symmetrical about (VDD - VEE) / 2.
(2)
Both ends of channel.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CD4051B CD4052B CD4053B


유사한 부품 번호 - CD4051BEE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4051BEE4 TI-CD4051BEE4 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051BEE4 TI-CD4051BEE4 Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4051BEE4 TI1-CD4051BEE4 Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results

유사한 설명 - CD4051BEE4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com