전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CB3Q3125DGVR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CB3Q3125DGVR
상세설명  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125DGVR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74CB3Q3125DGVR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1A
1OE
SW
1B
3A
3OE
SW
3B
2A
2OE
SW
2B
4A
4OE
SW
4B
2
1
9
10
3
8
5
4
12
13
6
11
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74CB3Q3125
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
SN74CB3Q3125 Quadruple FET Bus Switch
2.5-V/3.3-V Low-Voltage, High-Bandwidth Bus Switch
1 Features
2 Applications
1
High-Bandwidth Data Path (up to 500 MHz(1))
IP Phones: Wired and Wireless
5-V Tolerant I/Os With Device Powered Up
Optical Modules
or Powered Down
Optical Networking: Video Over Fiber and EPON
Low and Flat ON-State Resistance (ron)
Private Branch Exchange (PBX)
Characteristics Over Operating Range
WiMAX and Wireless Infrastructure Equipment
(ron = 3 Ω Typ)
Rail-to-Rail Switching on Data I/O Ports
3 Description
0-V to 5-V Switching With 3.3-V VCC
The SN74CB3Q3125 device is a high-bandwidth FET
bus switch that uses a charge pump to elevate the
0-V to 3.3-V Switching With 2.5-V VCC
gate voltage of the pass transistor, thus providing a
Bidirectional Data Flow With Near-Zero
low and flat ON-state resistance (ron). The low and
Propagation Delay
flat
ON-state
resistance
allows
for
minimal
Low Input and Output Capacitance Minimizes
propagation delay and supports rail-to-rail switching
Loading and Signal Distortion
on
the
data
input/output
(I/O)
ports.
The
SN74CB3Q3125 device also features low data I/O
(Cio(OFF) = 4 pF Typ)
capacitance to minimize capacitive loading and signal
Fast Switching Frequency (fOE = 20 MHz Max)
distortion on the data bus.
Data and Control Inputs Provide Undershoot
Clamp Diodes
Device Information(1)
Low Power Consumption
PART NUMBER
PACKAGE
BODY SIZE (NOM)
(ICC = 0.3 mA Typ)
VQFN (14)
3.50 mm × 3.50 mm
VCC Operating Range From 2.3 V to 3.6 V
SSOP (16)
4.90 mm × 3.90 mm
SN74CB3Q3125
Data I/Os Support 0-V to 5-V Signaling Levels
TSSOP (16)
5.00 mm × 4.40 mm
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
TVSOP (16)
4.40 mm × 3.60 mm
Control Inputs Can Be Driven by TTL,
(1) For all available packages, see the orderable addendum at
5-V, or 3.3-V CMOS Outputs
the end of the data sheet.
Ioff Supports Partial-Power-Down Mode Operation
Logic Diagram (Positive Logic)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Supports Both Digital and Analog Applications:
USB Interface, Differential Signal Interface, Bus
Pin numbers shown are for the DGV, PW,
Isolation, Low-Distortion Signal Gating
and RGY packages.
(1)
For additional information regarding the performance
characteristics of the CB3Q family, refer to the TI application
report, CBT-C, CB3T, and CB3Q Signal-Switch Families
(SCDA008).
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74CB3Q3125DGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3125DGVR TI-SN74CB3Q3125DGVR Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

유사한 설명 - SN74CB3Q3125DGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com