전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3160 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TS5A3160
상세설명  SPDT Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3160 데이터시트(HTML) 5 Page - Texas Instruments

  TS5A3160_15 Datasheet HTML 1Page - Texas Instruments TS5A3160_15 Datasheet HTML 2Page - Texas Instruments TS5A3160_15 Datasheet HTML 3Page - Texas Instruments TS5A3160_15 Datasheet HTML 4Page - Texas Instruments TS5A3160_15 Datasheet HTML 5Page - Texas Instruments TS5A3160_15 Datasheet HTML 6Page - Texas Instruments TS5A3160_15 Datasheet HTML 7Page - Texas Instruments TS5A3160_15 Datasheet HTML 8Page - Texas Instruments TS5A3160_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TS5A3160
www.ti.com
SCDS216D – OCTOBER 2005 – REVISED JUNE 2015
6.5 Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM, VNC,
Analog signal
0
V+
V
VNO
range
25°C
0.8
1.1
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –100 mA,
see Figure 13
Full
1.5
25°C
0.7
0.9
ON-state
VNO or VNC = 2.5 V,
Switch ON,
ron
4.5 V
resistance
ICOM = –100 mA,
see Figure 13
Full
1.1
ON-state
25°C
0.05
0.1
resistance
VNO or VNC = 2.5 V,
Switch ON,
Δron
match
4.5 V
ICOM = –100 mA,
see Figure 13
Full
0.1
between
channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25°C
0.15
ICOM = –100 mA,
see Figure 13
ON-state
ron(flat)
resistance
4.5 V
VNO or VNC = 1 V, 1.5 V,
25°C
0.1
0.25
Switch ON,
flatness
2.5 V,
see Figure 13
Full
0.25
ICOM = –100 mA,
VNC or VNO = 1 V,
25°C
–20
2
20
INC(OFF),
VCOM = 4.5 V,
Switch OFF,
5.5 V
nA
NC, NO
INO(OFF)
or
see Figure 14
Full
–100
100
OFF leakage
VNO = 4.5 V, VCOM = 1 V,
current
25°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch OFF,
0 V
μA
INO(PWROFF)
VCOM = 5.5 V to 0,
see Figure 14
Full
–20
20
NC, NO
25°C
–20
2
20
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
5.5 V
nA
INO(ON)
VCOM = Open,
see Figure 15
Full
–100
100
current
COM
25°C
–1
0.1
1
VCOM = 0 to 5.5 V,
Switch OFF,
ICOM(PWROFF)
OFF leakage
0 V
μA
VNC or VNO = 5.5 V to 0,
see Figure 14
Full
–20
20
current
VCOM = 1 V,
25°C
–20
2
20
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
ON leakage
or
5.5 V
nA
see Figure 15
Full
–100
100
current
VCOM = 4.5 V,
VNC or VNO = Open,
DIGITAL CONTROL INPUT (IN)(2)
VIH
Input logic high
Full
2.4
5.5
V
VIL
Input logic low
Full
0
0.8
V
25°C
–2
0.2
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
μA
current
Full
100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS5A3160


유사한 부품 번호 - TS5A3160_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS5A3160_15

제조업체부품명데이터시트상세설명
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com