전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4053BM 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4053BM
상세설명  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053BM 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CD4053BM Datasheet HTML 7Page - Texas Instruments CD4053BM Datasheet HTML 8Page - Texas Instruments CD4053BM Datasheet HTML 9Page - Texas Instruments CD4053BM Datasheet HTML 10Page - Texas Instruments CD4053BM Datasheet HTML 11Page - Texas Instruments CD4053BM Datasheet HTML 12Page - Texas Instruments CD4053BM Datasheet HTML 13Page - Texas Instruments CD4053BM Datasheet HTML 14Page - Texas Instruments CD4053BM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
105
10
10
10
4
3
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
1
V
= 15V
DD
V
= 5V
DD
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
V
3
DD
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4052
L
f
100Ω
B/D
CD4029
VDD
A B
9
Ι
TEST CIRCUIT
V
= 10V
DD
C = 15pF
L
105
10
10
10
4
3
V
= 15V
DD
V
= 10V
DD
V
= 5V
DD
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
Ι
TEST CIRCUIT
VDD
9
3
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4053
L
f
100
100
1
CD4051B, CD4052B, CD4053B
www.ti.com
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
Typical Characteristics (continued)
Figure 7. Dynamic Power Dissipation vs Switching
Figure 8. Dynamic Power Dissipation vs Switching
Frequency (CD4052B)
Frequency (CD4053B)
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CD4051B CD4052B CD4053B


유사한 부품 번호 - CD4053BM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4053BM NSC-CD4053BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Texas Instruments
CD4053BM TI-CD4053BM Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4053BM HARRIS-CD4053BM Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4053BM TI-CD4053BM Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BM TI-CD4053BM Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
More results

유사한 설명 - CD4053BM

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com