전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS431BCT-B0G 데이터시트(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

부품명 TS431BCT-B0G
상세설명  2.495V Programmable Shunt Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCT-B0G 데이터시트(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431BCT-B0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431BCT-B0G Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
11
Version: H15
PACKAGE OUTLINE DIMENSIONS (Unit: Millimeters)
SOP-8
SUGGESTED PAD LAYOUT (Unit: Millimeters)
MARKING DIAGRAM
Y = Year Code
M = Month Code for Halogen Free Product
O =Jan
P =Feb
Q =Mar
R =Apr
S =May
T =Jun
U =Jul
V =Aug
W =Sep
X =Oct
Y =Nov
Z =Dec
L
= Lot Code


유사한 부품 번호 - TS431BCT-B0G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS431BCT TSC-TS431BCT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431BCTA3 TSC-TS431BCTA3 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTA3G TSC-TS431BCTA3G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTB0 TSC-TS431BCTB0 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTB0G TSC-TS431BCTB0G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
More results

유사한 설명 - TS431BCT-B0G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
   2.495V Programmable Shunt Voltage Reference
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
   1.24V Programmable Shunt Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com