전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS12A44514DRG4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TS12A44514DRG4
상세설명  Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A44514DRG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TS12A44514DRG4 Datasheet HTML 6Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 7Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 8Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 9Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 10Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 11Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 12Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 13Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SPST
IN1
NO1
COM1
SPST
IN2
NO2
COM2
SPST
IN3
NO3
COM3
SPST
IN4
NO4
COM4
10
TS12A44513, TS12A44514, TS12A44515
SCDS247B – OCTOBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TS12A44513 TS12A44514 TS12A44515
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TS12A4451x has 4 bidirectional single-pole single-throw (SPST) single-supply CMOS analog switches.
The TS12A44513 has two normally closed (NC) switches and two normally open (NO) switches, the
TS12A44514 has four normally open (NO) switches, and the TS12A44515 has four normally closed (NC)
switches .
These CMOS switches can operate continuously with a single supply between 2 V and 12 V and can handle
rail-to-rail analog signals. The OFF-leakage current maximum is only 1 nA at 25°C or 10 nA at 85°C.
When using a 5-V supply, all digital inputs have 0.8-V to 2.4-V logic thresholds, ensuring TTL/CMOS-logic
compatibility.
7.2 Functional Block Diagram
7.3 Feature Description
The TS12A4451x is bidirectional with fast switching times in the 10's of ns range which allows data acquisition
and communication between multiple devices.
With a 5-V supply these devices are compatible with standard 1.8-V TTL/CMOS logic.
7.4 Device Functional Modes
Table 1. Function Table
IN
NO TO COM, COM TO NO
NC TO COM, COM TO NC
L
OFF
ON
H
ON
OFF


유사한 부품 번호 - TS12A44514DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS12A44514DRG4 TI-TS12A44514DRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514DRG4 TI-TS12A44514DRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514DRG4 TI1-TS12A44514DRG4 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

유사한 설명 - TS12A44514DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com