전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MVTM36BH045M020A00 데이터시트(PDF) 5 Page - Vicor Corporation

부품명 MVTM36BH045M020A00
상세설명  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BH045M020A00 데이터시트(HTML) 5 Page - Vicor Corporation

  MVTM36BH045M020A00 Datasheet HTML 1Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 2Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 3Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 4Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BH045M020A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 5 of 31
07/2015
800 927.9474
MVTM36 Series
Part Ordering Information
Device
Input Voltage
Range
Package Type
Output Voltage
x 10
Temperature
Grade
Output
Current
Revision
Version
VTM
36B
F
015
M
080
A
00
VTM = VTM
36B = 26.0 to 50.0 V
F = Full VIC SMD
T = Full VIC Through Hole
H = Half VIC SMD
015 = 1.5 V
M = -55 to 125°C
080 = 80 A
A
00 = Standard
Standard Models
All products shipped in JEDEC standard high profile (0.400” thick) trays (JEDEC Publication 95, Design Guide 4.10).
Part Number
Package Size
VIN
K
VOUT
Temperature
Current
MVTM36BF015M080A00
Full VIC SMD
26.0 V to 50.0 V
1/24
1.50 V (1.08 V to 2.08 V)
-55 to 125°C
80 A
MVTM36BT015M080A00
Full VIC TH
MVTM36BF022M055A00
Full VIC SMD
26.0 V to 50.0 V
1/16
2.25 V (1.63 V to 3.13 V)
-55 to 125°C
55 A
MVTM36BT022M055A00
Full VIC TH
MVTM36BF030M040B00
Full VIC SMD
26.0 V to 50.0 V
1/12
3.00 V (2.17 V to 4.17 V)
-55 to 125°C
40 A
MVTM36BT030M040B00
Full VIC TH
MVTM36BF045M027A00
Full VIC SMD
26.0 V to 50.0 V
1/8
4.50 V (3.25 V to 6.25 V)
-55 to 125°C
27 A
MVTM36BT045M027A00
Full VIC TH
MVTM36BF060M020A00
Full VIC SMD
26.0 V to 50.0 V
1/6
6.00 V (4.33 V to 8.33 V)
-55 to 125°C
20 A
MVTM36BT060M020A00
Full VIC TH
MVTM36BF072M017A00
Full VIC SMD
26.0 V to 50.0 V
1/5
7.20 V (5.20 V to 10.0 V)
-55 to 125°C
17 A
MVTM36BT072M017A00
Full VIC TH
MVTM36BF090M013A00
Full VIC SMD
26.0 V to 50.0 V
1/4
9.00 V (6.50 V to 12.5 V)
-55 to 125°C
13 A
MVTM36BT090M013A00
Full VIC TH
MVTM36BF120M010A00
Full VIC SMD
26.0 V to 50.0 V
1/3
12.0 V (8.67 V to 16.7 V)
-55 to 125°C
10 A
MVTM36BT120M010A00
Full VIC TH
MVTM36BF180M007A00
Full VIC SMD
26.0 V to 50.0 V
1/2
18.0 V (13.0 V to 25.0 V)
-55 to 125°C
7 A
MVTM36BT180M007A00
Full VIC TH
MVTM36BF240M005A00
Full VIC SMD
26.0 V to 50.0 V
2/3
24.0 V (17.3 V to 33.3 V)
-55 to 125°C
5 A
MVTM36BT240M005A00
Full VIC TH
MVTM36BF360M003A00
Full VIC SMD
26.0 V to 50.0 V
1
36.0 V (26.0 V to 50.0 V)
-55 to 125°C
3 A
MVTM36BT360M003A00
Full VIC TH
MVTM36BH030M025A00
Half VIC SMD
26.0 V to 50.0 V
1/12
3.00 V (1.63 V to 3.13 V)
-55 to 125°C
25 A
MVTM36BH045M020A00
Half VIC SMD
26.0 V to 50.0 V
1/8
4.50 V (3.25 V to 6.25 V)
-55 to 125°C
20 A
MVTM36BH090M010A00
Half VIC SMD
26.0 V to 50.0 V
1/4
9.00 V (6.50 V to 12.5 V)
-55 to 125°C
10 A


유사한 부품 번호 - MVTM36BH045M020A00

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
MVTM36BH030M025A00 VICOR-MVTM36BH030M025A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

유사한 설명 - MVTM36BH045M020A00

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com