전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC128S085CISQ 데이터시트(PDF) 7 Page - Texas Instruments

부품명 DAC128S085CISQ
상세설명  12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC128S085CISQ 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC128S085CISQ Datasheet HTML 3Page - Texas Instruments DAC128S085CISQ Datasheet HTML 4Page - Texas Instruments DAC128S085CISQ Datasheet HTML 5Page - Texas Instruments DAC128S085CISQ Datasheet HTML 6Page - Texas Instruments DAC128S085CISQ Datasheet HTML 7Page - Texas Instruments DAC128S085CISQ Datasheet HTML 8Page - Texas Instruments DAC128S085CISQ Datasheet HTML 9Page - Texas Instruments DAC128S085CISQ Datasheet HTML 10Page - Texas Instruments DAC128S085CISQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DAC128S085
www.ti.com
SNAS407H – AUGUST 2007 – REVISED APRIL 2015
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREF1 = VREF2 = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 48 to 4047. All limits are at TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
VA = 3 V, VOUT = 0 V,
−50
mA
Input Code = FFFh
Output Short Circuit Current
IOS
(source)(3)
VA = 5 V, VOUT = 0 V,
−60
mA
Input Code = FFFh
VA = 3 V, VOUT = 3 V,
50
mA
Input Code = 000h
Output Short Circuit Current
IOS
(sink)(3)
VA = 5 V, VOUT = 5 V,
70
mA
Input Code = 000h
TA = 105°C
10
mA
TMIN ≤ TA ≤ TMAX
Continuous Output Current per
IO
channel(2)
TA = 125°C
6.5
mA
TMIN ≤ TA ≤ TMAX
RL = ∞
1500
pF
CL
Maximum Load Capacitance
RL = 2 kΩ
1500
pF
ZOUT
DC Output Impedance
8
REFERENCE INPUT
CHARACTERISTICS
0.5
Input Range Minimum
V
TMIN ≤ TA ≤ TMAX
2.7
VREF1,2
Input Range Maximum
TMIN ≤ TA ≤ TMAX
VA
V
Input Impedance
30
k
LOGIC INPUT CHARACTERISTICS
IIN
Input Current(2)
TMIN ≤ TA ≤ TMAX
±1
µA
VA = 2.7 V to 3.6 V
1
V
TMIN ≤ TA ≤ TMAX
0.6
VIL
Input Low Voltage
VA = 4.5 V to 5.5 V
1.1
V
0.8
VA = 2.7 V to 3.6 V
1.4
V
TMIN ≤ TA ≤ TMAX
2.1
VIH
Input High Voltage
VA = 4.5 V to 5.5 V
2
V
TMIN ≤ TA ≤ TMAX
2.4
CIN
Input Capacitance(2)
TMIN ≤ TA ≤ TMAX
3
pF
(3)
This parameter does not represent a condition which the DAC can sustain continuously. See the continuous output current specification
for the maximum DAC output current per channel.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC128S085


유사한 부품 번호 - DAC128S085CISQ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC128S085CISQ NSC-DAC128S085CISQ Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CISQX NSC-DAC128S085CISQX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

유사한 설명 - DAC128S085CISQ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com