전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ-2506N 데이터시트(PDF) 1 Page - CUI INC

부품명 MJ-2506N
상세설명  2.5mm AUDIO JACK-MONO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

MJ-2506N 데이터시트(HTML) 1 Page - CUI INC

  MJ-2506N Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
NON-THREAD
SCHEMATIC
MODEL NO.
3
2
Ø4.0
1
DIA.
MJ-2506N
2.6 0.102
4.7 0.185
3.4 0.134
7.0 0.276
7.0 0.276
3.4 0.134
4.7 0.185
2.6 0.102
0.020
0.50
1.30 0.051
(3 PLCS)
0.354
9.0
0.138
3.50
0.85 0.033
(2 PLCS)
0.315
0.15
0.354
0.217
5.50
9.0
0.102
2.600
0.3 (3 PLCS)
0.157
4.0
5.5 0.217
8.0
0.9 0.035
PCB LAYOUT
TOP VIEW
1.00X2.00
(3 PLCS)
3
1
3
2
1
2
REV.
DESCRIPTION
DATE
C
Added dimensions
4/27/2007
D
dimension updated
1/7/2010
E
updates to model appearance
8/24/2011
X.XXX ±0.05mm
X.XX ±0.1mm
TOLERANCE:
X.X ±0.2mm
PBT
E
MATERIAL
BUSHING
TERMINAL 1
TERMINAL 2
TERMINAL 3
HOUSING
PLATING
Copper Alloy
Nickel
Tin
Tin
Tin
Brass
Brass
SPECIFICATIONS:
RATING: 12V DC @ 1A
CONTACT RESISTANCE: 30m OHMS MAX
INSULATION RESISTANCE: 50M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
LIFE: 5,000 CYCLES
3:1
2.5mm AUDIO JACK-MONO
COPYRIGHT 2011 BY CUI INC.
TITLE:
MM [INCHES]
REV:
MJ-2506N
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
SCALE:
MJ-2506N
Brass
For more information, please visit the product page.


유사한 부품 번호 - MJ-2506N

제조업체부품명데이터시트상세설명
logo
CUI Devices
MJ-2506N CUID-MJ-2506N Datasheet
299Kb / 3P
   AUDIO JACK
07/26/2023
More results

유사한 설명 - MJ-2506N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
   2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
   2.5mm AUDIO JACK - MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
   2.5mm AUDIO JACK-MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2508 CUI-MJ-2508 Datasheet
81Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2508N CUI-MJ-2508N Datasheet
80Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ1-2510-SMT CUI-MJ1-2510-SMT Datasheet
88Kb / 1P
   2.5mm SMT AUDIO JACK-MONO
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
   2.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com