전자부품 데이터시트 검색엔진 |
|
9369 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers |
|
9369 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 22 page UL Instrumentation Cable 300V Power-Limited Tray Cables Industrial Grade Sunlight- and Oil-Resistant Jackets IN D U STRIAL A U T OMA TION & PR OCE S S CO NTR O L C ABLES 18.50 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com Standard Lengths Ft. Color Code mm Jacket Thickness Inch mm Nominal OD Lbs. N Maximum Pull Tension Inch Part No. Description Minimum Bend Radius m Standard Unit Weight No. of Triads Lbs. kg Inch mm 16 AWG Triads Stranded (19x29) Tinned Copper Conductors • Twisted Triads Unshielded • PVC Insulation • Chrome PVC Jacket 9494 1 E1 U-500 U-152.4 24.5 11.1 .037 .94 .268 6.81 91 405 2.75 69.85 U-1000 U-304.8 48.0 21.8 Overall Beldfoil® Shield (100% Coverage)• PVC Insulation • Chrome PVC Jacket 9366 1 E1 U-500 U-152.4 27.5 12.5 .037 .94 .270 6.86 116 516 2.75 69.85 U-1000 U-304.8 54.0 24.5 16 AWG Triads Stranded (7x24) Bare Copper Conductors • Twisted Triads Unshielded • PVC Insulation • Black PVC Jacket (See chart below for other options) 1034A 1 E1 1000 304.8 51.0 23.2 .037 .94 .268 6.81 107 476 2.75 69.85 4000 † 1219.2 208.0 94.4 Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options) 1031A 1 E1 1000 304.8 58.0 26.4 .037 .94 .271 6.88 130 578 2.75 69.85 10000 † 3048.0 610.0 276.7 3044A 2 E1 Bulk †† Bulk — — .053 1.35 .483 12.27 259 1152 4.75 120.65 3046A 4 E1 Bulk †† Bulk — — .053 1.35 .570 14.40 473 2104 5.75 146.05 3048A 8 E1 Bulk †† Bulk — — .063 1.60 .760 19.30 902 4013 7.50 190.50 3052A 16 E1 Bulk †† Bulk — — .074 1.88 1.032 26.21 1758 7821 11.25 285.75 3054A 24 E1 Bulk †† Bulk — — .074 1.88 1.180 29.90 2615 11633 11.75 298.45 Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Options below) 3045A 2 E1 Bulk †† Bulk — — .053 1.35 .506 12.80 304 1352 5.00 127.00 3047A 4 E1 Bulk †† Bulk — — .053 1.35 .569 14.45 563 2505 6.00 152.40 3049A 8 E1 Bulk †† Bulk — — .064 1.63 .764 19.41 1081 4809 8.00 203.20 3069A 12 E1 Bulk †† Bulk — — .074 1.88 .998 25.35 1500 6673 10.00 254.00 3053A 16 E1 Bulk †† Bulk — — .074 1.88 1.150 29.20 2117 9418 11.50 292.10 3055A 24 E1 Bulk †† Bulk — — .084 2.13 1.320 33.53 3153 14026 13.25 336.55 E1 = Refer to Technical Information section for color code. Alternate color coding available upon request. Multiple pair or triad cables have each pair/triad numbered for ease of identification. †Final put-up length may vary ±10% from length shown. ††Bulk = Check length available for specific construction. Rip Cord Rip Cord Rip Cord Rip Cord Drain Wire Drain Wires Communication Wire Rip Cord Communication Wire Drain Wire NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 NEC: PLTC, ITC, CMG CEC: CMG FT4 IEEE 1202/383 ICEA T-29-520 Conductor, Insulation and Jacket Options** Bare Tinned Insulation/Jacket AB PVC/PVC CD XLPE/PVC KL TPE/TPE QR XLPE/CPE ST XLPE/Haloarrest® **For 1000 and 3000 Series cables only. 1234 A E Start Add or Add for with replace Exposed Part letter code Run rating No. for desired if desired conductor, insulation & jacket To Specify: |
유사한 부품 번호 - 9369 |
|
유사한 설명 - 9369 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |