전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9390 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 9390
상세설명  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

9390 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  9390 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9390 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.41
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables — Overview
Construction
Soft annealed bare or tinned copper with
PVC flame retardant insulation and jacket.
Other insulation and jacket options are
available (see table below). Communication
wire included on all multi-pair/multi-triad
1000 and 3000 series part numbers, 22 AWG
(7x30) bare copper, orange PVC insulation.
Nylon rip cord included in all PVC/PVC
instrumentation cables.
Other Construction Options:
Armoring Capabilities
Belden also has the capability to protect
electronic, instrumentation and control cables
with interlocking or continuous armor and
smooth or corrugated protective metal tapes.
Application
Cable jackets are resistant to sunlight,
moisture and vapor penetration. PVC/PVC
constructions, with 3 conductors or more
and 20 AWG or larger, are suitable for
direct burial.
Unshielded
Twisted non-shielded pairs and triads
provide a minimal OD allowing greater tray
and conduit fill. Non-shielded instrument
pairs may be utilized when recommended
by the instrument manufacturer and used
in a metallic conduit.
Overall Shield
Recommended for use in instrumentation
applications where signals are transmitted
in excess of 100 millivolts except in areas
where high voltage and current sources
create excessive noise interference.
The Beldfoil® shield with drain wire
provides 100% coverage for maximum
shield effectiveness.
Individually Shielded and
Overall Shielded
Individually shielded pairs or triads with
an overall shield are recommended for
use in instrumentation applications where
optimum noise rejection is required.
Individual pair/triad shields are fully isolated
from each other and contain a separate
drain wire for grounding, to provide
maximum protection from crosstalk and
common mode interference. Cables with
an overall shield provide additional
electrostatic noise protection.
Specifications
UL Subject 13
UL Subject 2250
NEC Article 725 Class 2 and
Class 3 Circuits
NEC Type PLTC Listed, which is
approved for cable tray use in Class 1,
Division 2, hazardous areas and
non-hazardous areas, cable trays,
raceways, conduit and supported
by messenger wires.
Sunlight-resistant.
Oil-resistant per UL Class 43
NEC Type ITC per Article 727.
ITC cables may carry up to 5 amps
at 150V, which is significantly greater
than that allowed for PLTC only cables.
ITC cables may also be installed in
specific applications, per the NEC,
in addition to those allowed for PLTC.
UL 1685 (UL 1581) Vertical Tray Flame
Test comparable to IEEE 383 -1974
(70,000 BTU/hr.) Flame Test.
PVC/PVC constructions are CMG, FT4,
IEEE 1202 and IEEE 383-2003 rated,
and meet ICEA T-29-520 Flame Test.
Design options — call 1-800-BELDEN-1
or 1-800-BELDEN-3.
PLTC-ER
As an option, Belden offers all PVC insulated,
PVC jacketed instrumentation cables, and
several other insulation and jackets, with a
PLTC-ER (Exposed Run) rating, formerly
referred to as Open Wiring.
Per NEC Article 725, a PLTC-ER rated cable
may be installed in an industrial establish-
ment between a cable tray and the utilization
equipment or device. A PLTC-ER rated cable
must meet the crush and impact require-
ments of UL Type MC cable By eliminating
the need for metal conduit and/or armor,
using a PLTC-ER rated cable results in
savings in both installation and maintenance.
UL Listed for PLTC
Insulation/Jacket
Max. Temp Rating
XLPE/PVC
90°C
XLPE/CPE
90°C
PVC/PVC
105°C
PVC/CPE
105°C
PE/PVC
75°C
FPE/PVC
75°C
TPE/TPE
105°C
XLPE/Haloarrest®
90°C
Standard lengths may be subject to tolerance. Custom lengths may be available upon
request. Contact the Belden Electronics Division Customer Service Department for
additional information. 1-800-BELDEN-1 or 1-800-BELDEN-3.
Armor
Code
Material
2
Aluminum Interlock
3
Steel Interlock
8
Continuously Corrugated Aluminum
Overall Jacket
Code
Material
1
PVC
3
CPE
4
TPE
5
HDPE
6
Oil Res II
7
Haloarrest® I
1
2
3456
Overall
Armor
Core
Jacket
Type
Trade
Type
Number
To Specify Part Number


유사한 부품 번호 - 9390

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
939 ETC2-939 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
939 ETC2-939 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Murata Manufacturing Co...
939113424610-F1N MURATA1-939113424610-F1N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113424610-T3N MURATA1-939113424610-T3N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113424610-T4N MURATA1-939113424610-T4N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
More results

유사한 설명 - 9390

제조업체부품명데이터시트상세설명
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com