전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3224ACPZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADV3224ACPZ
상세설명  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3224ACPZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADV3224ACPZ Datasheet HTML 6Page - Analog Devices ADV3224ACPZ Datasheet HTML 7Page - Analog Devices ADV3224ACPZ Datasheet HTML 8Page - Analog Devices ADV3224ACPZ Datasheet HTML 9Page - Analog Devices ADV3224ACPZ Datasheet HTML 10Page - Analog Devices ADV3224ACPZ Datasheet HTML 11Page - Analog Devices ADV3224ACPZ Datasheet HTML 12Page - Analog Devices ADV3224ACPZ Datasheet HTML 13Page - Analog Devices ADV3224ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADV3224/ADV3225
Data Sheet
Rev. B | Page 10 of 24
TRUTH TABLE AND LOGIC DIAGRAM
Table 8. Operation Truth Table1
CE
UPDATE
CLK
DATAIN
DATAOUT
RESET
SER/PAR
Description
1
X
X
X
X
X
X
No change in logic.
0
X
DataI2
DataI-80
X
0
The data on the serial DATAIN line is loaded into the serial
register. The first bit clocked into the serial register appears at
DATAOUT 40 clock cycles later.
0
X
0
D0…D4
Not applicable in
parallel mode3
X
1
The data on the parallel data lines, D0 to D4, are loaded into
the 40-bit serial shift register location addressed at A0 to A2.
0
0
X
X
X
1
X
Data in the 40-bit shift register transfers into the parallel
latches that control the switch array. Latches are transparent.
X
X
X
X
X
0
X
Asynchronous operation. All outputs are disabled. Second
rank latches are cleared. Remainder of logic is unchanged.
1
X is don’t care.
2
DataI: serial data.
3
DATAOUT remains active in parallel mode and always reflects the state of the MSB of the serial shift register.
D
CLK
Q
A0
A1
A2
CLK
8
128
DATAIN
(SERIAL)
(OUTPUT
ENABLE)
SER/PAR
CE
UPDATE
OUT0 EN
DATA
OUT
PARALLEL
DATA
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D1
D2
D3
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
OUT1 EN
OUT2 EN
OUT3 EN
OUT4 EN
OUT5 EN
OUT6 EN
OUT7 EN
D
LE
Q
CLR
OUT7
EN
OUTPUT ENABLE
SWITCH MATRIX
S
D1
Q
D0
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
D Q
CLK
S
D1
Q
D0
D4
DECODE
D
LE
Q
CLR
OUT0
EN
D
LE
OUT0
B0
Q
D
LE
Q
OUT0
B1
D
LE
Q
OUT0
B2
D
LE
Q
OUT0
B3
D
LE
OUT1
B0
Q
D
LE
Q
CLR
OUT6
EN
D
LE
OUT7
B0
Q
D
LE
OUT7
B1
Q
D
LE
OUT7
B2
Q
D Q
CLK
S
D1
Q
D0
S
D1
Q
D0
D
LE
OUT7
B3
Q
S
D1
Q
D0
RESET
(OUTPUT ENABLE)
Figure 6. Logic Diagram


유사한 부품 번호 - ADV3224ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

유사한 설명 - ADV3224ACPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com