전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1260ACPZ-RL7 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADM1260ACPZ-RL7
상세설명  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1260ACPZ-RL7 데이터시트(HTML) 1 Page - Analog Devices

  ADM1260ACPZ-RL7 Datasheet HTML 1Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 2Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Super Sequencer with Interchip Bus and
Nonvolatile Fault Recording
Data Sheet
ADM1260
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Complete supervisory and sequencing solution for up to
10 supplies per device
Interchip bus (ICB) simplifies multidevice connections and
sequencing system operation
Supports up to 4 devices
16 event deep black box nonvolatile fault recording
10 supply fault detectors enable supervision of supplies
<0.5% accuracy at all voltages at 25°C
<1.0% accuracy across all voltages and temperatures
5 selectable input attenuators allow supervision of supplies
14.4 V on VH and 6.0 V on VP1 to VP4 (VPx)
5 dual function inputs: VX1 to VX5 (VXx)
High impedance input to supply fault detector with
thresholds between 0.573 V and 1.375 V
General-purpose logic input
10 programmable driver outputs: PDO1 to PDO10 (PDOx)
Open-collector with an external pull-up resistor
Push/pull output, driven to VDDCAP or VPx
Open-collector with weak pull-up to VDDCAP or VPx
Internally charge pumped high drive for use with external
N-FET (PDO1 to PDO6 only)
Sequencing engine (SE) implements state machine control of
the PDOx outputs
State changes conditional on input events
Enables complex control of boards
Power-up and power-down sequence control
Fault event handling
Interrupt generation on warnings
Watchdog function can be integrated in the SE
Program software control of sequencing through the SMBus
Complete voltage margining solution for 6 voltage rails
6 output voltage 8-bit DACs (0.300 V to 1.552 V) allow voltage
adjustment via dc-to-dc converter trim/feedback node
12-bit ADC for readback of all supervised voltages
Reference input (REFIN) with two input options
Driven directly from the 2.048 V (±0.25%) REFOUT pin
External reference for improved ADC performance
Powered by the highest voltage on either VPx or VH
Voltage on VPx or VH must be greater than the
undervoltage lockout (UVLO) threshold
Electronically erasable programmable read-only memory
(EEPROM)
Industry-standard, 2-wire bus interface (SMBus)
PDOx pins guaranteed low with VH and VPx = 1.2 V
Available in a 40-lead, 6 mm × 6 mm LFCSP package
FUNCTIONAL BLOCK DIAGRAM
PDO7
PDO8
PDO9
PDO10
PDOGND
VDDCAP
VDD
ARBITRATOR
DAC1
VOUT
DAC
DAC2
VOUT
DAC
DAC3
VOUT
DAC
DAC4
VOUT
DAC
DAC5
VOUT
DAC
DAC6
VOUT
DAC
GND
VCCP
VX1
VX2
VX3
VX4
VX5
VP1
VP2
VP3
VP4
VH
AGND
PROGRAMMABLE
RESET
GENERATORS
(SFDs)
DUAL-
FUNCTION
INPUTS
(LOGIC INPUTS
OR
SFDs)
SEQUENCING
ENGINE
CONFIGURABLE
OUTPUT
DRIVERS
(LV CAPABLE
OF DRIVING
LOGIC SIGNALS)
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
SDA SCL A1
A0
SMBus
INTERFACE
CDA
REFIN
CCL
INTERCHIP
BUS
REFGND
REFOUT
VREF
FAULT
RECORDING
12-BIT
SAR ADC
EEPROM
CLOSED-LOOP
MARGINING SYSTEM
ADM1260
CONFIGURABLE
OUTPUT
DRIVERS
(HV CAPABLE OF
DRIVING GATES
OF N-FET)
Figure 1.
APPLICATIONS
Central office systems
Servers/routers
Multivoltage system line cards
Digital signal processor (DSP)/field programmable gate
array (FPGA) supply sequencing
In-circuit testing of margined supplies


유사한 부품 번호 - ADM1260ACPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266-EVALZ AD-ADM1266-EVALZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ AD-ADM1266ACPZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ-R7 AD-ADM1266ACPZ-R7 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
More results

유사한 설명 - ADM1260ACPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com