전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7091R-8BRUZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7091R-8BRUZ
상세설명  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7091R-8BRUZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7091R-8BRUZ Datasheet HTML 5Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 9Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 10Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 11Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 12Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Data Sheet
AD7091R-2/AD7091R-4/AD7091R-8
Rev. C | Page 9 of 42
Figure 7. 4-Channel, 20-Lead TSSOP Pin Configuration
Figure 8. 4-Channel, 20-Lead LFCSP Pin Configuration
Table 6. 4-Channel, 20-Lead LFCSP and 20-Lead TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
19
CS
Chip Select Input. When CS is held low, the serial bus enables, and CS frames the output data on
the SPI.
2
20
RESET
Reset. Logic input.
3
1
VDD
Power Supply Input. The VDD range is from 2.7 V to 5.25 V. Decouple this supply pin to GND.
4
2
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this output pin
separately to GND using a 1.0 μF capacitor.
5
3
REFIN/REFOUT
Voltage Reference Output, 2.5 V. Decouple this pin to GND. Typical recommended decoupling
capacitor value is 2.2 μF. The user can either access the internal 2.5 V reference or overdrive the
internal reference with the voltage applied to this pin. The reference voltage range for an
externally applied reference is 1.0 V to VDD.
6, 15
4, 13
GND
Chip Ground Pins. These pins are the ground reference point for all circuitry on the AD7091R-4.
7
5
MUXOUT
Multiplexer Output. The output of the multiplexer appears at this pin. If no external filtering or
buffering is required, tie this pin directly to the ADCIN pin; otherwise, tie the output of the
conditioning network to the ADCIN pin.
8
6
VIN0
Analog Input 0. Single-ended analog input. The analog input range is 0 V to VREF.
9
7
VIN2
Analog Input 2. Single-ended analog input. The analog input range is 0 V to VREF.
10
8
ALERT/BUSY/GPO0
Alert Output Pin (ALERT). This is a multifunction pin determined by the configuration register.
When functioning as ALERT, this pin is a logic output indicating that a conversion result has
fallen outside the limit of the register settings.
When the ALERT/BUSY/GPO0 pin is configured as a BUSY output, use this pin to indicate when a
conversion is taking place.
The pin can also function as a general-purpose digital output.
11
9
GPO1
General-Purpose Digital Output.
12
10
VIN3
Analog Input 3. Single-ended analog input. The analog input range is 0 V to VREF.
13
11
VIN1
Analog Input 1. Single-ended analog input. The analog input range is 0 V to VREF.
14
12
ADCIN
ADC Input. This pin allows access to the on-chip track-and-hold. If no external filtering or
buffering is required, tie this pin directly to the MUXOUT pin; otherwise, tie the input of the
conditioning network to the MUXOUT pin.
16
14
SDI
Serial Data Input Bus. This input provides data written to the on-chip control registers. Data
clocks into the registers on the falling edge of the SCLK input. Provide data MSB first.
17
15
SDO
Serial Data Output Bus. The conversion output data is supplied to this pin as a serial data
stream. The bits are clocked out on the falling edge of the SCLK input, and 13 SCLKs are
required to access the data. The data is provided MSB first.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AD7091R-4
TOP VIEW
(Not to Scale)
RESET
VDD
REGCAP
MUXOUT
GND
CS
VIN0
VIN2
ALERT/BUSY/GPO0
CONVST
SCLK
SDO
ADCIN
GND
SDI
VIN1
VIN3
GPO1
VDRIVE
REFIN/REFOUT
14
13
12
1
3
4
15
11
2
5
VDD
REGCAP
MUXOUT
GND
REFIN/REFOUT
ADCIN
GND
SDI
VIN1
SDO
AD7091R-4
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. IT IS RECOMMENDED THAT
THE PAD BE SOLDERED TO GND.


유사한 부품 번호 - AD7091R-8BRUZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AD7091R-8BRUZ ETC2-AD7091R-8BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

유사한 설명 - AD7091R-8BRUZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com