전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7298-1BCPZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7298-1BCPZ
상세설명  8-Channel, 1 MSPS, 10-Bit SAR ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7298-1BCPZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7298-1BCPZ Datasheet HTML 2Page - Analog Devices AD7298-1BCPZ Datasheet HTML 3Page - Analog Devices AD7298-1BCPZ Datasheet HTML 4Page - Analog Devices AD7298-1BCPZ Datasheet HTML 5Page - Analog Devices AD7298-1BCPZ Datasheet HTML 6Page - Analog Devices AD7298-1BCPZ Datasheet HTML 7Page - Analog Devices AD7298-1BCPZ Datasheet HTML 8Page - Analog Devices AD7298-1BCPZ Datasheet HTML 9Page - Analog Devices AD7298-1BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7298-1
Rev. A | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
V
DD to GND, GND1
−0.3 V to +5 V
V
DRIVE to GND, GND1
−0.3 V to + 5 V
Analog Input Voltage to GND1
−0.3 V to +3 V
Digital Input Voltage to GND
−0.3 V to V
DRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to V
DRIVE + 0.3 V
V
REF to GND1
−0.3 V to +3 V
AGND to GND
−0.3 V to +0.3 V
Input Current to Any Pin Except Supplies
±10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb-free Temperature, Soldering
Reflow
260(0)°C
ESD
3.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
20-Lead LFCSP
52
6.5
°C/W
ESD CAUTION


유사한 부품 번호 - AD7298-1BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7298-1BCPZ AD-AD7298-1BCPZ Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1BCPZ-RL AD-AD7298-1BCPZ-RL Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
More results

유사한 설명 - AD7298-1BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com