전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7770 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7770
상세설명  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7770 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7770 Datasheet HTML 3Page - Analog Devices AD7770 Datasheet HTML 4Page - Analog Devices AD7770 Datasheet HTML 5Page - Analog Devices AD7770 Datasheet HTML 6Page - Analog Devices AD7770 Datasheet HTML 7Page - Analog Devices AD7770 Datasheet HTML 8Page - Analog Devices AD7770 Datasheet HTML 9Page - Analog Devices AD7770 Datasheet HTML 10Page - Analog Devices AD7770 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Data Sheet
AD7770
Rev. A | Page 7 of 94
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Offset Matching
25
µV
Gain Error
±0.1
% FS
Gain Drift vs. Temperature
±0.75
ppm/°C
Gain Matching
±0.1
%
SAR ADC
Speed and Performance
Resolution
12
Bits
Analog Input Range
AVSS4 + 0.1
AVDD4 − 0.1
V
Analog Input Common-Mode
Range
AVSS4 + 0.1
(AVDD4 +
AVSS4)/2
AVDD4 − 0.1
V
Analog Input Dynamic Current
256 kSPS, 0 dBFS
±100
nA
Throughput
256
kSPS
DC Accuracy
Differential mode
INL
1.5
LSB
DNL
No missing codes (12-bit)
−0.99
+1
LSB
Offset
±1
LSB
Gain
12
LSB
AC Performance
SNR
1 kHz
66
dB
THD
1 kHz
−81
dB
VCM PIN
Output
(AVDD1x +
AVSSx)/2
V
Load Current, IL
1
mA
Load Regulation, ∆VOUT/∆IL
12
mV/mA
Short-Circuit Current
5
mA
LOGIC INPUTS
Input Voltage
High, VIH
0.7 × IOVDD
V
Low, VIL
0.4
V
Hysteresis
0.1
V
Input Currents
−10
+10
µA
LOGIC OUTPUTS3
Output Voltage
High, VOH
IOVDD ≥ 3 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.3 V ≤ IOVDD < 3 V, ISOURCE =
500 μA
0.8 × IOVDD
V
IOVDD < 2.3 V, ISOURCE = 200 μA
0.8 × IOVDD
V
Low, VOL
IOVDD ≥ 3 V, ISINK = 2 mA
0.4
V
2.3 V ≤ IOVDD < 3 V, ISINK = 1 mA
0.4
V
IOVDD < 2.3 V, ISINK = 100 μA
0.4
V
Leakage Current
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
Σ-Δ ADC Data Output Coding
Twos complement
SAR ADC Data Output Coding
Binary


유사한 부품 번호 - AD7770

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7770 AD-AD7770 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ AD-AD7770ACPZ Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ-RL AD-AD7770ACPZ-RL Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

유사한 설명 - AD7770

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com