전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS65-B2GA221KAGKA 데이터시트(PDF) 4 Page - TDK Electronics

부품명 CS65-B2GA221KAGKA
상세설명  High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

CS65-B2GA221KAGKA 데이터시트(HTML) 4 Page - TDK Electronics

  CS65-B2GA221KAGKA Datasheet HTML 1Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 2Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 3Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 4Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 5Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 6Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 7Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 8Page - TDK Electronics CS65-B2GA221KAGKA Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(4/9)
20160219 / leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Overview of CS Series
PACKAGE QUANTITY
CERTIFIED STATUS OF VARIOUS COUNTRIES
* Certificate numbers shall be changed owing to the revisions of the related standards.
Type
Package quantity
Taping (pieces / box)
Bulk (pieces / bag)
CS
1000
1000
Safety
standard
Standard No.
Temperature
characteristics
Insulation sub-class and
rated voltage
Approval report No.*
Taiwan
Xiamen
BSI
BS EN60384-14
SL, B, Z5U
X1: AC.440V
Y2: AC.300V
KM37103
VDE
IEC 60384-14
40017930
SEV
IEC 60384-14
15.0120
SEMKO
EN 60384-14
1406932
NEMKO
EN 60384-14
P12215336
DEMKO
EN 60384-14
D-01153
FIMKO
EN 60384-14
FI 27399
IMQ
EN 60384-14
V3692
SAA
AS 3250
CS6268
CSA
CSA-E60384-14
1785515
UL
UL60384-14
E37861
CQC
GB/T14472-1998
CQC12001082619
CQC10001052862
KTL
K60384-14
Sub-Class:X1
SZ03001-12006
SU03047-12006
Sub-Class:Y2
SZ03001-12008
SU03047-12008


유사한 부품 번호 - CS65-B2GA221KAGKA

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CS65-B2GA221KAGKA TDK-CS65-B2GA221KAGKA Datasheet
127Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

유사한 설명 - CS65-B2GA221KAGKA

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Vishay Siliconix
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com