전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFV310-XXNCVXPRX 데이터시트(PDF) 2 Page - SICK AG

부품명 LFV310-XXNCVXPRX
상세설명  LEVEL SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

LFV310-XXNCVXPRX 데이터시트(HTML) 2 Page - SICK AG

  LFV310-XXNCVXPRX Datasheet HTML 1Page - SICK AG LFV310-XXNCVXPRX Datasheet HTML 2Page - SICK AG LFV310-XXNCVXPRX Datasheet HTML 3Page - SICK AG LFV310-XXNCVXPRX Datasheet HTML 4Page - SICK AG LFV310-XXNCVXPRX Datasheet HTML 5Page - SICK AG LFV310-XXNCVXPRX Datasheet HTML 6Page - SICK AG LFV310-XXNCVXPRX Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFV310-XXNCVXPRX | LFV300
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFV310-XXNCVXPRX
6047624
Other models and accessories
www.sick.com/LFV300
Detailed technical data
Features
Medium
Fluids
Measurement
Switch
Probe length
66 mm
Process pressure
–1 bar ... 64 bar
Process temperature
–50 °C ... +150 °C
Fill material density
0.5 g/cm³ ... 2.5 g/cm³
GOST approval
Performance
Accuracy of sensor element
± 2 mm
Repeatability
≤ 1 mm
Viscosity
0.1 mPas ... 10,000 mPas
Response time
500 ms
Electronics
Power consumption
5 mA ... 30 mA
Initialization time
< 2 s
VDE protection class 1
Electrical connection
M20 x 1.5
Supply voltage
Double relay (DPDT): 20 V DC ... 72 V DC / 20 V AC ... 253 V AC
Hysteresis
2 mm
Output current
> 10 µA; < 3A AC, 1A DC
Inductive load
750 VA 54 W
Capacitive load
750 VA 54 W
Contact load
Min. 50 mW / max. 750 VA, 54 W
Enclosure rating
IP 66 / IP 67
Temperature drift
0,03 mm/K
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-17 16:55:06
Subject to change without notice


유사한 부품 번호 - LFV310-XXNCVXPRX

제조업체부품명데이터시트상세설명
logo
SICK AG
LFV310-XXNAVTNCX SICK-LFV310-XXNAVTNCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXNAVTNRX SICK-LFV310-XXNAVTNRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXNAVTPRX SICK-LFV310-XXNAVTPRX Datasheet
1Mb / 7P
   LEVEL SENSORS
LFV310-XXNAVXMRX SICK-LFV310-XXNAVXMRX Datasheet
1Mb / 7P
   LEVEL SENSORS
LFV310-XXNAVXPRX SICK-LFV310-XXNAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
More results

유사한 설명 - LFV310-XXNCVXPRX

제조업체부품명데이터시트상세설명
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com