전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1C 데이터시트(PDF) 1 Page - Taiwan Memory Technology

부품명 ES1C
상세설명  1A, 50V - 600V Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TMT [Taiwan Memory Technology]
홈페이지  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

ES1C 데이터시트(HTML) 1 Page - Taiwan Memory Technology

  ES1C Datasheet HTML 1Page - Taiwan Memory Technology ES1C Datasheet HTML 2Page - Taiwan Memory Technology ES1C Datasheet HTML 3Page - Taiwan Memory Technology ES1C Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Super fast recovery time for high efficiency
- Built-in strain relief
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
trr
ns
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D1411076
Version: M15
TJ=25°C
TJ=125°C
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied VR=4.0 Volts
Note 1: Pulse test with PW=300μs, 1% duty cycle
0.95
1.3
1.7
5
100
Maximum reverse recovery time (Note 2)
Storage temperature range
- 55 to +150
- 55 to +150
Typical junction capacitance (Note 3)
Typical thermal resistance
RθJL
RθJA
35
85
16
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
35
Operating junction temperature range
μA
18
°C/W
Maximum reverse current @ rated VR
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
ES
1F
IR
ES
1G
ES
1H
ES
1J
UNIT
A
Moisture sensitivity level: level 1, per J-STD-020
Polarity:
Indicated by cathode band
Weight:
0.06 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
ES
1A
ES
1B
ES
1C
ES
1D
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-214AC (SMA)
DO-214AC (SMA)
ES1A - ES1J
Taiwan Semiconductor
1A, 50V - 600V Surface Mount Super Fast Rectifiers
FEATURES


유사한 부품 번호 - ES1C

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES1C YIXIN-ES1C Datasheet
254Kb / 2P
   Super Fast Surface Mount Rectifiers
logo
Diotech Company.
ES1C DIOTECH-ES1C Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
General Semiconductor
ES1C GE-ES1C Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
ES1C VISHAY-ES1C Datasheet
100Kb / 5P
   Surface-Mount Ultrafast Plastic Rectifier
01-Jan-2022
More results

유사한 설명 - ES1C

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
WILLAS ELECTRONIC CORP
SFM21L WILLAS-SFM21L Datasheet
885Kb / 2P
   2.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
SGFM101C-D2 WILLAS-SGFM101C-D2 Datasheet
242Kb / 3P
   10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
Taiwan Semiconductor Co...
MUR105SH TSC-MUR105SH Datasheet
435Kb / 7P
   1A, 50V - 600V Ultra Fast Surface Mount Rectifier
logo
Frontier Electronics.
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
SFM11M FRONTIER-SFM11M Datasheet
64Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com