전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSESD3Z24T1G 데이터시트(PDF) 2 Page - Yea Shin Technology Co., Ltd

부품명 YSESD3Z24T1G
상세설명  UNIDIRECTIONAL TVS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESD3Z24T1G 데이터시트(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSESD3Z24T1G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESD3Z24T1G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESD3Z24T1G Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.04 20140318
DEVICE CHARACTERISTICS
YSESD3ZxxT1G Series
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.) (max.)
YSESD3Z12T1G
36W
12W
YSESD3Z08T1G
08W
7
7.8
18
15
19
13.3
15W
24W
YSESD3Z18T1G
18W
120
24
28
30
1
YSESD3Z05T1G
40
1
1
8
16
21
12
YSESD3Z15T1G
100
6
25
200
150
1
130
300
10
10
4
1
30
YSESD3Z24T1G
1
1
80
36
YSESD3Z36T1G
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
VC
TJ
UNITS
Peak Pulse Power (tp=8/20µs waveform)
Storage Temperature Range
VC
IT
TL
VRWM
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
26.6
1
43
50
60
24
40
75
10
12
6
1
9.8
17
13.4
1
1
Watts
PARAMETER
SYMBOL
260 (10 sec.)
CT
DEVICE
MARKING
450
05W
5
23
25
13
VALUE
350
PPP
TSTG
-55 ~ 150
3
4
1
6.5
VB
PART NUMBER
16.7
1
19
YSESD3Z3.3T1G
03W
-55 ~ 150
IR


유사한 부품 번호 - YSESD3Z24T1G

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSESD3Z24T1G YEASHIN-YSESD3Z24T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
YSESD3Z24T1G YEASHIN-YSESD3Z24T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
YSESD3Z24T1G YEASHIN-YSESD3Z24T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
More results

유사한 설명 - YSESD3Z24T1G

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
   Unidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SDA3601P LEIDITECH-SDA3601P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com