전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX56 데이터시트(PDF) 3 Page - Nanjing International Group Co

부품명 BCX56
상세설명  Low Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCX56 데이터시트(HTML) 3 Page - Nanjing International Group Co

  BCX56 Datasheet HTML 1Page - Nanjing International Group Co BCX56 Datasheet HTML 2Page - Nanjing International Group Co BCX56 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
1
10
100
1000
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
1
10
100
1000
0.4
0.6
0.8
1.0
0.1
1
10
1
10
100
100
10
100
012
345
0
50
100
150
200
250
1
10
100
1000
10
100
1000
V
CB
/ V
EB
C
ob
/ C
ib
——
V
BE
I
C
——
I
C
h
FE
——
BCX54,BCX55,BCX56
Typical Characteristics
T
a=100
T
a=25
COMMON EMITTER
V
CE=2V
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a=100
T
a=25
COMMON EMITTER
V
CE=2V
300
30
COLLECTOR CURRENT
I
C
(mA)
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
( )
T
a=100
T
a=25
β=10
COLLECTOR CURRENT
I
C
(mA)
500
300
f=1MHz
I
E=0/IC=0
T
a=25
C
ob
C
ib
0.3
20
3
REVERSE BIAS VOLTAGE
V (V)
10
30
COMMON EMITTER
V
CE=5V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a=25
1.0mA
0.7mA
0.9mA
0.6mA
0.5mA
0.8mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
T
a=25
T
a=100
β=10
V
BEsat
——
V
CEsat
——
I
C
I
C
300
30
COLLECTOR CURRENT
I
C
(mA)
C,Apr,2012


유사한 부품 번호 - BCX56

제조업체부품명데이터시트상세설명
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Micro Commercial Compon...
BCX56 MCC-BCX56 Datasheet
202Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX56 INFINEON-BCX56 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Nexperia B.V. All right...
BCX56 NEXPERIA-BCX56 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
More results

유사한 설명 - BCX56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
   Low voltage
logo
Littelfuse
P3100SCRP LITTELFUSE-P3100SCRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632_17 Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
logo
Analog Devices
AD7719 AD-AD7719_15 Datasheet
515Kb / 40P
   Low Voltage, Low Power
REV. A
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
   Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Sharp Corporation
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com