전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8304ARU 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8304ARU
상세설명  160 dB Range (100 pA -10 mA) Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8304ARU 데이터시트(HTML) 3 Page - Analog Devices

  AD8304ARU Datasheet HTML 1Page - Analog Devices AD8304ARU Datasheet HTML 2Page - Analog Devices AD8304ARU Datasheet HTML 3Page - Analog Devices AD8304ARU Datasheet HTML 4Page - Analog Devices AD8304ARU Datasheet HTML 5Page - Analog Devices AD8304ARU Datasheet HTML 6Page - Analog Devices AD8304ARU Datasheet HTML 7Page - Analog Devices AD8304ARU Datasheet HTML 8Page - Analog Devices AD8304ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
AD8304
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8304 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VP – VN . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 V
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 270 mW
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic Function
1
VNEG
Optional Negative Supply, VN. This
pin is usually grounded; for details of
usage, see Applications section.
2PWDN
Power-Down Control Input. Device is
active when PWDN is taken LOW.
3, 5
VSUM
Guard Pins. Used to shield the INPT
current line.
4INPT
Photodiode Current Input. Usually
connected to photodiode anode (the
photo current flows toward INPT).
6
VPDB
Photodiode Biaser Output. May be
connected to photodiode cathode to
provide adaptive bias control.
7
VREF
Voltage Reference Output of 2 V
8
VLOG
Output of the Logarithmic Front-End
Processor; ROUT = 5 k
Ω to ground.
9
BFIN
Buffer Amplifier Noninverting Input
(High Impedance)
10
VPS2
Positive Supply, VP (3.0 V to 5.5 V)
11
VOUT
Buffer Output; Low Impedance
12
VPS1
Positive Supply, VP (3.0 V to 5.5 V)
13
BFNG
Buffer Amplifier Inverting Input
14
ACOM
Analog Ground
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
AD8304
VNEG
PWDN
VSUM
INPT
VSUM
VPDB
VREF
ACOM
BFNG
VPS1
VOUT
VPS2
BFIN
VLOG
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8304ARU
–40
°C to +85°CTube, 14-Lead TSSOP
RU-14
AD8304ARU-REEL
13" Tape and Reel
AD8304ARU-REEL7
7" Tape and Reel
AD8304-EVAL
Evaluation Board


유사한 부품 번호 - AD8304ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8304ARU AD-AD8304ARU Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARU-REEL AD-AD8304ARU-REEL Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARU-REEL7 AD-AD8304ARU-REEL7 Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
More results

유사한 설명 - AD8304ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305 Datasheet
1Mb / 20P
   100 dB Range (10 nA to 1 mA) Logarithmic Converter
REV. A
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
   Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com